Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MVZ3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MVZ3
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MVZ3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPC5643AF0MVZ3 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643AF0MVZ3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5644A
Rev. 7, Jan 2012
© Freescale Semiconductor, Inc., 2009–2012. All rights reserved.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MPC5644A
324 (23 x 23 mm)
176 (24 x 24 mm)
208 (17 x 17 mm)
MPC5644A Microcontroller
Data Sheet
•
150 MHz e200z4 Power Architecture core
— Variable length instruction encoding (VLE)
— Superscalar architecture with 2 execution units
— Up to 2 integer or floating point instructions per cycle
— Up to 4 multiply and accumulate operations per cycle
•
Memory organization
— 4 MB on-chip flash memory with ECC and Read
While Write (RWW)
— 192 KB on-chip SRAM with standby functionality
(32 KB) and ECC
— 8 KB instruction cache (with line locking),
configurable as 2- or 4-way
— 14 + 3 KB eTPU code and data RAM
—5
 4 crossbar switch (XBAR)
— 24-entry MMU
— External Bus Interface (EBI) with slave and master
port
•
Fail Safe Protection
— 16-entry Memory Protection Unit (MPU)
— CRC unit with 3 sub-modules
— Junction temperature sensor
•
Interrupts
— Configurable interrupt controller (with NMI)
— 64-channel DMA
•
Serial channels
—3
 eSCI
—3
 DSPI (2 of which support downstream Micro
Second Channel [MSC])
—3
 FlexCAN with 64 messages each
—1
 FlexRay module (V2.1) up to 10 Mbit/s with dual
or single channel and 128 message objects and ECC
•1
 eMIOS: 24 unified channels
•1
 eTPU2 (second generation eTPU)
— 32 standard channels
—1
 reaction module (6 channels with three outputs
per channel)
•
2 enhanced queued analog-to-digital converters
(eQADCs)
— Forty 12-bit input channels (multiplexed on 2 ADCs);
expandable to 56 channels with external multiplexers
— 6 command queues
— Trigger and DMA support
— 688 ns minimum conversion time
•
On-chip CAN/SCI/FlexRay Bootstrap loader with Boot
Assist Module (BAM)
•
Nexus
— Class 3+ for the e200z4 core
— Class 1 for the eTPU
•
JTAG (5-pin)
•
Development Trigger Semaphore (DTS)
— Register of semaphores (32-bits) and an identification
register
— Used as part of a triggered data acquisition protocol
— EVTO pin is used to communicate to the external tool
•
Clock generation
— On-chip 4–40 MHz main oscillator
— On-chip FMPLL (frequency-modulated phase-locked
loop)
•
Up to 120 general purpose I/O lines
— Individually programmable as input, output or special
function
— Programmable threshold (hysteresis)
•
Power reduction mode: slow, stop and stand-by modes
•
Flexible supply scheme
— 5 V single supply with external ballast
— Multiple external supply: 5 V, 3.3 V and 1.2 V
•
Packages
—176 LQFP
—208 MAPBGA
—324 TEPBGA
496-pin CSP (calibration tool only)


Similar Part No. - SPC5643AF0MVZ3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5643LAMLL6 NXP-SPC5643LAMLL6 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMLQ1 NXP-SPC5643LAMLQ1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMLQ1R NXP-SPC5643LAMLQ1R Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMLQ8 NXP-SPC5643LAMLQ8 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMMM1 NXP-SPC5643LAMMM1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643AF0MVZ3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5644A FREESCALE-MPC5644A Datasheet
2Mb / 138P
MPC5644A Microcontroller
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com