Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MMG2 Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MMG2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MMG2 Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MMG2 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
130
Rev. 3
04/2010
Changes to Signal Properties table (changes apply to Revision 2 and later devices:
EBI changes:
• WE_BE[2] (A2) and CAL_WE_BE[2] (A3) signals added to CS[2] (PCR 2)
• WE_BE[3] (A2) and CAL_WE_BE[3] (A3) signals added to CS[3] (PCR 3)
Calibration bus changes:
• CAL_WE[2]/BE[2] (A2) signal added to CAL_CS[2] (PCR 338)
• CAL_WE[3]/BE[3] (A2) signal added to CAL_CS[3] (PCR 339)
• CAL_ALE (A1) added to CAL_ADDR[15] (PCR 340)
eQADC changes:
• AN[8] and AN[38] pins swapped. AN[8] Is now on pins 9 (176-pin), B3 (208-ball) and
E1 (324-ball). AN[8] was on D3 (324-ball) on previous devices. AN[38] Is now on D3
(324-ball). AN[38] was on pins 9 (176-pin), B3 (208-ball) and E1 (324-ball) on previous
devices.
• ANZ function added to AN11 pin
Reaction channels added to eTPU2:
• RCH0_A (A3) added to ETPU_A[14] (PCR 128)
• RCH0_B (A2) added to ETPU_A[20] (PCR 134)
• RCH0_C (A2) added to ETPU_A[21] (PCR 135)
• RCH1_A (A2) added to ETPU_A[15] (PCR 129)
• RCH1_B (A2) added to ETPU_A[9] (PCR 123)
• RCH1_C (A2) added to ETPU_A[10] (PCR 124)
• RCH2_A (A2) added to ETPU_A[16] (PCR 130)
• RCH3_A (A2) added to ETPU_A[17] (PCR 131
• RCH4_A (A2) added to ETPU_A[18] (PCR 132))
• RCH4_B (A2) added to ETPU_A[11] (PCR 125)
• RCH4_C (A2) added to ETPU_A[12] (PCR 126)
• RCH5_A (A2) added to ETPU_A[19] (PCR 133)
• RCH5_B (A2) added to ETPU_A[28] (PCR 142)
• RCH5_C (A2) added to ETPU_A[29] (PCR 143)
Reaction channels added to eMIOS:
• RCH2_B (A2) added to EMIOS[2] (PCR 181)
• RCH2_C (A2) added to EMIOS[4] (PCR 183)
• RCH3_B (A2) added to EMIOS[10] (PCR 189)
• RCH3_C (A2) added to EMIOS[11] (PCR 190)
Pad changes:
• ETPUA16 (PCR 130) has Medium (was Slow) pad
• ETPUA17 (PCR 131) has Medium (was Slow) pad
• ETPUA18 (PCR 132) has Medium (was Slow) pad
• ETPUA19 (PCR 133) has Medium (was Slow) pad
• ETPUA25 (PCR 139) has Slow+LVDS (was Medium+LVDS) pads
Signal Details table updated:
• Added eTPU2 reaction channels
• Changed IRQ[0:15] to two ranges, excluding IRQ6, which does not exist on this device
• Changed TCR_A to TCRCLKA (TCR_A is the pin name, not the signal name)
• Changed WE_BE[0:1] to WE_BE[0:3] (2 new signals added to Rev. 2). Also changed
notation from “WE_BE[n]” to “WE[n]/BE[n]” to be consistent.
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com