Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MMG2 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MMG2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MMG2 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MMG2 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 136Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
133
Rev. 4
08/2010
Updates to Nexus timings:
•tMDOV max value changed to 0.35 (was 0.2)
•tMSEOV max value changed to 0.35 (was 0.2)
•tEVTOV max value changed to 0.35 (was 0.2)
Updates to DC electrical specifications:
•VSTBY min value changed to 0.95 V (was 0.9 V)
•VSTBY has two ranges—for regulated mode and unregulated mode
Correction to PLLMRFM electrical specifications:
•VDDPLL range is from 1.08 V to 3.6 V (was 3.0 V to 3.6 V.
Updates to pad AC specifications:
• Specs with drive load = 200 pF deleted. DSC (drive strength control) values range from
10 – 50 pF.
• I/O pad average IDDE specifications updated (fast pad specs only)
• I/O pad VRC33 average IDDE specifications (fast pad specs only)
Updates to Reset and configuration pin timings:
• Footnote added: RESET pulse width is measured from 50% of the falling edge to 50%
of the rising edge.
• Timings are specified at VDD = 1.14 V to 1.32 V (was 1.08 V to 1.32 V).
Updates to EBI timings:
• Note added to tAAI: When CAL_TS is used as CAL_ALE the hold time is 1 ns instead
of 1.5 ns.
• Correction: maximum calibration bus interface operating frequency is 66 MHz for all
port configurations.
• VDDE range in footnote 1 corrected to read, “External Bus and Calibration bus timing
specified at fSYS = 150 MHz and 100 MHz, VDD = 1.14 V to 1.32 V, VDDE = 3 V to 3.6
V (unless stated otherwise)” (VDDE range was 1.62 V to 3.6 V)
Correction to IEEE 1149.1 timings:
• SRC value in footnote 1 corrected to read, “JTAG timing specified at VDD = 1.14 V to
1.32 V, VDDEH = 4.5 V to 5.5 V with multi-voltage pads programmed to Low-Swing
mode, TA = TL to TH, and CL = 30 pF with DSC = 0b10, SRC = 0b11.” (SRC value was
0b00)
Correction to External interrupt timing (IRQ pin) timings:
• Timings are specified at VDD = 1.14 V to 1.32 V (was 1.08 V to 1.32 V).
Update to DSPI timings:
• Some of the timing parameters can vary depending on the value of VDDE. For these
parameters, ranges are now defined for two ranges of VDDE.
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com