Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MMG1 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MMG1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MMG1 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MMG1 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5644AF0MMG1 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
67
3.3
Thermal characteristics
6 All functional non-supply I/O pins are clamped to VSS and VDDE, or VDDEH.
7 AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative
duration of 60 hours over the complete lifetime of the device (injection current not limited for this duration).
8 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
9 Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDEH
supplies, if the maximum injection current specification is met (2 mA for all pins) and VDDEH is within the
operating voltage specifications.
10 Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDE supplies,
if the maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage
specifications.
11 Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
12 Total injection current for all analog input pins must not exceed 15 mA.
13 Solder profile per IPC/JEDEC J-STD-020D.
14 Moisture sensitivity per JEDEC test method A112.
Table 9. Thermal characteristics for 176-pin QFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection2
2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board - 1s
38
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection2
Four layer board - 2s2p
31
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient2
200 ft./min., single layer
board - 1s
30
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient2
at 200 ft./min., four layer
board - 2s2p
25
°C/W
RJB
CC
D Junction-to-Board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
20
°C/W
RJCtop
CC
D Junction-to-Case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
5°C/W
JT
CC
D Junction-to-Package Top, Natural
Convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com