Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMMBAT41FILM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMMBAT41FILM
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMMBAT41FILM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMMBAT41FILM Datasheet HTML 1Page - List of Unclassifed Manufacturers TMMBAT41FILM Datasheet HTML 2Page - List of Unclassifed Manufacturers TMMBAT41FILM Datasheet HTML 3Page - List of Unclassifed Manufacturers TMMBAT41FILM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
TMMBAT 41
SMALL SIGNAL SCHOTTKY DIODE
DESCRIPTION
General purpose metal to silicon diode featuring
very low turn-on voltage and fast switching.
This device has integrated protection against ex-
cessive voltage such as electrostatic discharges.
August 1999 Ed: 1A
MINIMELF
(Glass)
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
100
V
IF
Forward Continuous Current
Ti = 25
°C
100
mA
IFRM
Repetitive Peak Forward Current
tp
≤ 1s
δ ≤ 0.5
350
mA
IFSM
Surge non Repetitive Forward Current
tp = 10ms
750
mA
Ptot
Power Dissipation
Ti = 95
°C
100
mW
Tstg
Tj
Storage and Junction Temperature Range
- 65 to + 150
- 65 to + 125
°C
°C
TL
Maximum Temperature for Soldering during 15s
260
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Test Conditions
Value
Unit
Rth(j-l)
Junction-leads
300
°C/W
THERMAL RESISTANCE
* Pulse test: tp
≤ 300µs δ < 2%.
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VBR
Tj = 25
°CIR = 100µA
100
V
VF*
Tj = 25
°CIF = 1mA
0.4
0.45
V
Tj = 25
°C
IF = 200mA
1
IR*
Tj = 25
°C
VR = 50V
0.1
µA
Tj = 100
°C
20
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj = 25
°CVR = 1V
f = 1MHz
2pF
DYNAMIC CHARACTERISTICS
1/4


Similar Part No. - TMMBAT41FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT41 STMICROELECTRONICS-TMMBAT41 Datasheet
55Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
More results

Similar Description - TMMBAT41FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com