Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLK01P080L12 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CLK01P080L12
Description  Super Capacitors To Improve Power Performance.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLK01P080L12 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CLK01P080L12 Datasheet HTML 9Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 10Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 11Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 12Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 13Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 14Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 15Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 16Page - List of Unclassifed Manufacturers CLK01P080L12 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
13
Qualification Test Summary
Qualification Test Summary
Qualification Test Summary
Qualification Test Summary
Qualification Test Summary
Qualification Test Summary
Qualification Test Summary
Qualification Test Summary
Test
Test
Test
Test
Cellergy Qualification
Cellergy Qualification
Cellergy Qualification
Cellergy Qualification
Limits
Limits
Limits
Limits
Capacitance
Capacitance
Capacitance
Capacitance
Charge to rated voltage for 10min. discharge at con-
stant current, C=Idt/dv
+80% / -20% of rated value
Leakage current
Leakage current
Leakage current
Leakage current
Charge to rated voltage 12 hr measure current
Within Limit
ESR
ESR
ESR
ESR
1 KHz, measure Voltage @20mV amplitude
+20% / -50% of rated value
Load Life
Load Life
Load Life
Load Life
1000 hrs at 70°C at rated voltage
Cool to RT measure: ESR,LC,C
LC <200% of initial rating
Cap ±30% of initial rating
ESR <200% of initial rating
Shelf life
Shelf life
Shelf life
Shelf life
1000 hrs at 70°C no voltage
Cool to RT measure: ESR,LC,C
LC <200% of initial rating
Cap ±30%
of initial rating
ESR <200% of initial rating
Humidity life
Humidity life
Humidity life
Humidity life
1000 hrs at 70°C 90-95% humidity no voltage
Cool to RT measure: ESR,LC,C
LC <150% of initial rating
Cap ±10%
of initial rating
ESR <150% of initial rating
Leg pull strength
Leg pull strength
Leg pull strength
Leg pull strength
In accordance with JIS-C5102,8.1
No change
Surge voltage
Surge voltage
Surge voltage
Surge voltage
Apply 15% voltage above rated voltage for 10 sec
short cells 10 seconds repeat procedure 1000 times
measure ESR,LC,C
LC : <200% of initial rating
Cap : ±30% of initial rating
ESR <200% of initial rating
Temperature
Temperature
Temperature
Temperature
cycling
cycling
cycling
cycling
Each cycle consist of following steps:
1) Place supercapacitor in cold chamber (–40C)
hold for 30 min
2) Transfer supercapacitor to hot chamber (+70C)
in 2 to 3 minutes.
3) Hold supercapacitor in hot chamber for 30 min
Number of cycles: 5
LC : <150% of initial rating
Cap: ±10%
of initial rating
ESR: <150% of initial rating
Vibration
Vibration
Vibration
Vibration
JIS-C5102,8.25-7 Hz displacement 25.4 mm 5 min 7-
30 Hz Constant acceleration 1.5 gr. 10 min 30-50 Hz
displacement 8.0 mm 5 min 50-500 Hz Constant accel-
eration 4.2 gr. 10 min sine pulse along 3 axis 300grs of
1.4mS (6 shocks)
LC : initial rating
Cap : ±10% of initial rating
ESR : initial rating
Solder ability
Solder ability
Solder ability
Solder ability
3/4 or more of pin should covered with new solder
temp 360°, immersion time 8+/- 0.3 sec
LC :
initial rating
Cap : initial rating
ESR : initial rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com