Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLP04P040L28 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # CLP04P040L28
Description  Super Capacitors To Improve Power Performance.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLP04P040L28 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button CLP04P040L28 Datasheet HTML 14Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 15Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 16Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 17Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 18Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 19Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 20Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 21Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
18
By use of a unique patented production and manufacturing process,
Cellergy has developed a small footprint, low Equivalent Series Resistance
(ESR), high frequency EDLC capable of storing relatively large amounts of
energy.
The development is based on an innovative printing technology allowing the
production of EDLC’s in many different sizes with varied dimensions and
shapes.
In fact, Cellergy produces one of the smallest low ESR footprint EDLC's on
the market today.
Since the patented printing technology is based on conventional printing
techniques, the manufacturing process is simple and unique, and it is possi-
ble to manufacture large wafers of EDLC's.
The basis of the technology is a printable aqueous electrode paste based on a
high surface area carbon paste that is printed in an electrode matrix
structure on an electronically conductive film.
The electrodes are then encapsulated with a porous ionic conducting
separator and another electrode matrix is then printed on the separator.
This bipolar printing process is repeated as many times as required enabling
us to tailor our product to the specifications of the end user.
The finished wafer is then cut into individual EDLC's that are then pack-
aged.
Cellergy's EDLC's boasts low equivalent series resistance as well as a low
leakage current due to our unique encapsulation technology and electrode
composition.
Cellergy's EDLC's require no cell balancing or de-rating.
The combination of the separator and carbon paste lead to the capability of
very high power bursts within low milli-second pulse widths.
Cellergy’s technology is based on aqueous components that are all
environmentally friendly and non-toxic. Though the system is water based,
the capacitor can work at temperatures between -40°C and 70°C.
This working temperature range is achieved by the unique water based
electrolyte that impregnates the high surface carbon.
Because the chemistry of the system is based on water, the performance of
Cellergy's EDLC's is not affected by humidity.
Cellergy’s Technology
Cellergy’s Technology
Cellergy’s Technology
Cellergy’s Technology
Cellergy’s Technology
Cellergy’s Technology
Cellergy’s Technology
Cellergy’s Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com