Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRMS=17V Datasheet(PDF) 3 Page - EPCOS

Part # VRMS=17V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=17V Datasheet(HTML) 3 Page - EPCOS

  VRMS=17V Datasheet HTML 1Page - EPCOS VRMS=17V Datasheet HTML 2Page - EPCOS VRMS=17V Datasheet HTML 3Page - EPCOS VRMS=17V Datasheet HTML 4Page - EPCOS VRMS=17V Datasheet HTML 5Page - EPCOS VRMS=17V Datasheet HTML 6Page - EPCOS VRMS=17V Datasheet HTML 7Page - EPCOS VRMS=17V Datasheet HTML 8Page - EPCOS VRMS=17V Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1) Jump-start strength (max. 24 V, 5 minutes)
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS =
11 V
B72205S0110K101
S05K11
11
14
100
0.3
0.01
B72207S0110K101
S07K11
11
14
250
0.8
0.02
B72210S0110K101
S10K11
11
14
500
1.7
0.05
B72214S0110K101
S14K11
11
14
1000
3.2
0.10
B72220S0110K101
S20K11
11
14
2000
10.0
0.20
VRMS =
14 V
B72205S0140K101
S05K14
14
18
100
0.4
0.01
B72207S0140K101
S07K14
14
181)
250
0.9
0.02
B72210S0140K101
S10K14
14
181)
500
2.0
0.05
B72214S0140K101
S14K14
14
181)
1000
4.0
0.10
B72220S0140K101
S20K14
14
181)
2000
12.0
0.20
VRMS =
17 V
B72205S0170K101
S05K17
17
22
100
0.5
0.01
B72207S0170K101
S07K17
17
22
250
1.1
0.02
B72210S0170K101
S10K17
17
22
500
2.5
0.05
B72214S0170K101
S14K17
17
22
1000
5.0
0.10
B72220S0170K101
S20K17
17
22
2000
14.0
0.20
VRMS =
20 V
B72205S0200K101
S05K20
20
26
100
0.6
0.01
B72207S0200K101
S07K20
20
26
250
1.3
0.02
B72210S0200K101
S10K20
20
26
500
3.1
0.05
B72214S0200K101
S14K20
20
26
1000
6.0
0.10
B72220S0200K101
S20K20
20
26
2000
18.0
0.20
VRMS =
25 V
B72205S0250K101
S05K25
25
31
100
0.7
0.01
B72207S0250K101
S07K25
25
31
250
1.6
0.02
B72210S0250K101
S10K25
25
31
500
3.7
0.05
B72214S0250K101
S14K25
25
31
1000
7.0
0.10
B72220S0250K101
S20K25
25
31
2000
22.0
0.20
VRMS =
30 V
B72205S0300K101
S05K30
30
38
100
0.9
0.01
B72207S0300K101
S07K30
30
38
250
2.0
0.02
B72210S0300K101
S10K30
30
38
500
4.4
0.05
B72214S0300K101
S14K30
30
38
1000
9.0
0.10
B72220S0300K101
S20K30
30
38
2000
26.0
0.20
Leaded varistors
B722*
StandarD series
Page 3 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com