Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM25512C Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM25512C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM25512C Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM25512C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM25512C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM25512C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM25512C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM25512C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM25512C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM25512C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ASM25512C
Rev 1.1
2002/10/29
5
1.4 Bonding Diagram
Substrate must be connected to GND.
ASM25512C Pad Location
Chip Size: X= 3090 + 80 (um) , Y= 4470 + 80 (um)
PAD # PAD Name
X
Y
PAD # PAD Name
X
Y
1
VDD3
-1445.96
-2123.6
11
GND1
38.72
-2118.08
2
PRC1
-1325.24
-2123.6
12
GND2
118.72
-2118.08
3
PRC0
-1202.92
-2123.6
13
TEST
319.68
-2123.6
4
PRA3
-1080.6
-2123.6
14
VDD2
575.32
-2123.6
5
PRA2
-958.28
-2123.6
15
PRB0
714.48
-2123.6
6
PRA1
-835.96
-2123.6
16
PRB1
836.8
-2123.6
7
PRA0/RESET
-713.64
-2123.6
17
PRB2
959.12
-2123.6
8
OSC
-591.32
-2123.6
18
PRB3
1081.44
-2123.6
9
VDD1
-416.04
-2123.6
19
PRC2
1203.76
-2123.6
10
COUT
-162.24
-2123.6
20
PRC3
1326.08
-2123.6
21
GND3
1449.36
-2123.6
3
ASM25512C
(192K x 10 bit) x 4-Block ROM
4 5 6 7 8 9
10
11 12
13
18
17
16
15
14
2
1
19 20 21
CHIP SIZE: X= 3090 + 80 (um), Y= 4470 + 80 (um)
X= 3090 + 80 (um)
Y= 4470 + 80 (um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com