Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM611IM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM611IM/NOPB
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM611IM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM611IM/NOPB Datasheet HTML 10Page - Texas Instruments LM611IM/NOPB Datasheet HTML 11Page - Texas Instruments LM611IM/NOPB Datasheet HTML 12Page - Texas Instruments LM611IM/NOPB Datasheet HTML 13Page - Texas Instruments LM611IM/NOPB Datasheet HTML 14Page - Texas Instruments LM611IM/NOPB Datasheet HTML 15Page - Texas Instruments LM611IM/NOPB Datasheet HTML 16Page - Texas Instruments LM611IM/NOPB Datasheet HTML 17Page - Texas Instruments LM611IM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LM611
SNOSC08C – MAY 1998 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
VOLTAGE REFERENCE
Reference Biasing
The voltage reference is of a shunt regulator topology that models as a simple zener diode. With current Ir
flowing in the ‘forward' direction there is the familiar diode transfer function. Ir flowing in the reverse direction
forces the reference voltage to be developed from cathode to anode. The applied voltage to the cathode may
range from a diode drop below V− to the reference voltage or to the avalanche voltage of the parallel protection
diode, nominally 7V. A 6.3V reference with V+ = 3V is allowed.
Figure 53. Voltages Associated with Reference
(Current Source Ir is External)
The reference equivalent circuit reveals how Vr is held at the constant 1.2V by feedback, and how the
FEEDBACK pin passes little current.
To generate the required reverse current, typically a resistor is connected from a supply voltage higher than the
reference voltage. Varying that voltage, and so varying Ir, has small effect with the equivalent series resistance of
less than an ohm at the higher currents. Alternatively, an active current source, such as the LM134 series, may
generate Ir.
Figure 54. Reference Equivalent Circuit
Figure 55. 1.2V Reference
14
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com