Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLM2D3D6PD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # TLM2D3D6PD
Description  TLM2D3D6 Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TLM2D3D6PD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  TLM2D3D6PD Datasheet HTML 1Page - Central Semiconductor Corp TLM2D3D6PD Datasheet HTML 2Page - Central Semiconductor Corp TLM2D3D6PD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
TLM2D3D6 Case
Device average mass. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144 µg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centra lsemi.com
R1 (3-June 2011)
Component
Material
Material
Substance CAS No.
Substance
(%wt)
(µg)
(%wt)
(µg)
(ppm)
active device
doped Si
6.92%
10
Si
7440-21-3
6.92%
10
69,247
bond wire
gold
0.28%
0.4
Au
7440-57-5
0.28%
0.4
2,770
leadframe
Cu alloy
27.44%
39.63
Cu
7440-50-8
27.23%
39.33
272,350
Sn
7440-31-5
0.07%
0.1
692
Zn
7440-66-6
0.07%
0.1
692
Cr
7440-47-3
0.07%
0.1
692
die attach
silver epoxy
2.77%
4
Ag
7440-22-4
1.94%
2.8
19,389
epoxy resin
Proprietary
0.83%
1.2
8,310
encapsulation*
EMC GREEN
62.32%
90
silica (fused) 60676-86-0
52.97%
76.5
529,742
epoxy resin
29690-82-2
4.67%
6.75
46,742
phenol resin
9003-35-4
1.56%
2.25
15,581
carbon black
1333-86-4
0.19%
0.27
1,870
metal
hydroxide
1309-42-8
2.93%
4.23
29,292
plating
Ni/Pd/Au
0.26%
0.38
Ni
7440-02-0
0.25%
0.36
2,493
Pd
7440-05-3
0.01%
0.01
69
Au
7440-57-5
0.01%
0.01
69
*EMC GREEN molding compound is Halogen-Free.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com