Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5274CVM166 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF5274CVM166
Description  MCF5275 Integrated Microprocessor Family Hardware Specification
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5274CVM166 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF5274CVM166 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Electrical Characteristics
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 4
Freescale Semiconductor
21
8.4
DC Electrical Specifications
Table 10. DC Electrical Specifications1
Characteristic
Symbol
Min
Max
Unit
Core Supply Voltage
VDD
1.4
1.6
V
I/O Pad Supply Voltage
OVDD
3.0
3.6
V
PLL Supply Voltage
VDDPLL
3.0
3.6
V
SSTL I/O Pad Supply Voltage
SDVDD
2.3
2.7
V
SSTL I/O Pad Supply Voltage
SDVDD
3.0
3.6
V
SSTL Memory pads reference voltage (SD VDD = 2.5V)
VREF
0.5 SD VDD
—2
V
SSTL Memory pads reference voltage (SD VDD = 3.3V)
VREF
0.45 SD VDD
—2
V
Input High Voltage 3.3V I/O Pads
VIH
0.7 x OVDD
OVDD + 0.3
V
Input Low Voltage 3.3V I/O Pads
VIL
VSS – 0.3
0.35 x OVDD
V
Output High Voltage 3.3V I/O Pads
IOH = –2.0 mA
VOH
OVDD - 0.5
—
V
Output Low Voltage 3.3V I/O Pads
IOL = 2.0mA
VOL
—0.5
V
Input Hysteresis 3.3V I/O Pads
VHYS
0.06 x VDD
—mV
Input High Voltage SSTL 3.3V/2.5V3
VIH
VREF + 0.3
SDVDD + 0.3
V
Input Low Voltage SSTL 3.3V/2.5V3
VIL
VSS - 0.3
VREF - 0.3
V
Output High Voltage SSTL 3.3V/2.5V4
IOH = –5.0 mA
VOH
SDVDD - 0.25V
—
V
Output Low Voltage SSTL 3.3V/2.5V4
IOL = 5.0 mA
VOL
—0.35
V
Input Leakage Current
Vin = VDD or VSS, Input-only pins
Iin
-1.0
1.0
μA
High Impedance (Off-State) Leakage Current
Vin = VDD or VSS, All input/output and output pins
IOZ
-1.0
1.0
μA
Weak Internal Pull Up Device Current, tested at VIL Max.
5
IAPU
-10
-130
μA
Input Capacitance 6
All input-only pins
All input/output (three-state) pins
Cin
—
—
7
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com