Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032B Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC32MX120F032B
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032B Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC32MX120F032B Datasheet HTML 9Page - Microchip Technology PIC32MX120F032B Datasheet HTML 10Page - Microchip Technology PIC32MX120F032B Datasheet HTML 11Page - Microchip Technology PIC32MX120F032B Datasheet HTML 12Page - Microchip Technology PIC32MX120F032B Datasheet HTML 13Page - Microchip Technology PIC32MX120F032B Datasheet HTML 14Page - Microchip Technology PIC32MX120F032B Datasheet HTML 15Page - Microchip Technology PIC32MX120F032B Datasheet HTML 16Page - Microchip Technology PIC32MX120F032B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 320 page
background image
© 2011-2012 Microchip Technology Inc.
Preliminary
DS61168D-page 13
PIC32MX1XX/2XX
Pin Diagrams (Continued)
44-Pin TQFP(1,2,3)
= Pins are up to 5V tolerant
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 11.3 “Peripheral
Pin Select” for restrictions.
2:
Every I/O port pin (RAx-RCx) can be used as a change notification pin (CNAx-CNCx). See Section 11.0 “I/O Ports” for more
information.
3:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
4:
This pin function is available on PIC32MX230F064D and PIC32MX250F128D devices only.
1
33
SOSCI/RPB4/RB4
RPC6/PMA1/RC6
2
32
TDO/RPA8/PMA8/RA8
RPC7/PMA0/RC7
3
31
OSC2/CLKO/RPA3/RA3
RPC8/PMA5/RC8
4
30
OSC1/CLKI/RPA2/RA2
RPC9/CTED7/PMA6/RC9
5
29
VSS
VSS
6
PIC32MX210F016D
28
VDD
VCAP
7
27
AN8/RPC2/PMA2/RC2
8
26
AN7/RPC1/RC1
PGEC2/RPB11/D-/RB11
9
25
AN6/RPC0/RC0
VUSB3V3
10
24
AN5/C1INA/C2INC/RTCC/RPB3/SCL2/PMWR/CNB3/RB3
AN11/RPB13/CTPLS/PMRD/RB13
11
23
AN4/C1INB/C2IND/RPB2/SDA2/CTED13/PMD2/CNB2/RB2
PGED2/RPB10/D+/CTED11/RB10
RPB9/SDA1/CTED4/PMD3/RB9
PIC32MX220F032D
PIC32MX230F064D
PIC32MX250F128D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com