Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032C Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC32MX120F032C
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032C Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC32MX120F032C Datasheet HTML 45Page - Microchip Technology PIC32MX120F032C Datasheet HTML 46Page - Microchip Technology PIC32MX120F032C Datasheet HTML 47Page - Microchip Technology PIC32MX120F032C Datasheet HTML 48Page - Microchip Technology PIC32MX120F032C Datasheet HTML 49Page - Microchip Technology PIC32MX120F032C Datasheet HTML 50Page - Microchip Technology PIC32MX120F032C Datasheet HTML 51Page - Microchip Technology PIC32MX120F032C Datasheet HTML 52Page - Microchip Technology PIC32MX120F032C Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 320 page
background image
TABLE 4-7:
UART1 AND UART2 REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
6000 U1MODE(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—SIDL
IREN
RTSMD
—
UEN<1:0>
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6010
U1STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA 0110
6020 U1TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6030 U1RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6040 U1BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
Baud Rate Generator Prescaler
0000
6200 U2MODE(1)
31:16
15:0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
ON
—SIDL
IREN
RTSMD
—
UEN<1:0>
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6210
U2STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA 0110
6220 U2TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6230 U2RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6240 U2BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
Baud Rate Generator Prescaler
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 11.2 “CLR, SET and INV Registers” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com