Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AV0332C Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # AV0332C
Description  single-chip synthesizing CMOS VLSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV0332C Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  AV0332C Datasheet HTML 1Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 2Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 3Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 4Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 5Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 6Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 7Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 8Page - Aplus Intergrated Circuits AV0332C Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
APLUS 巨華積体電路股份有限公司 AVxxx-TGx8 Series
www.aplusinc.com.tw
Page
/ 13
2002 Ver.2
1
GENERAL DESCRIPTION:
The
AV0332C, AV0632E, AV0932B, AV0932C, AV1232D, AV1832C, AV2432B, AV3032, AV4232,is a single-chip
synthesizing CMOS VLSI that can synthesize voice up to 3,6,9,12,18,24,30,42 seconds ,using APLUS qualified coding algorithm
(LOGPCM).Customer speech data will be edited and programmed into ROM by changing one mask during the device fabrication.
FEATURES:
1. Single power supply can operate from 2.4v through 5v.
2. The total voice duration is about 3, 6, 9, 12, 18, 24, 30, 42 seconds could be partitioned up to 32 voice sections .
each voice section could have 4 playing_length , the longest one is the original voice+mute length .
3. Voice + mute length could up to 22 seconds ( 6k sample rate ) for each voice section .
4. One 255 voice-steps table ,could be partitioned up to 32 groups of voice-step .
For each voice-step, could specify one length of one voice section and one of 5 levels playback speed and STS1,STS2,STS3,
STS4 enable options .
playback speed : 1>4.3k ; 2>5k ; 3>6k ; 4>7.5k ; 5>10khz .
STS4,3,2,1 enable options : each with one control bit . ( dec to bin ; '0' -> enable , '1' -> disable )
5. Three mask option trigger input mode : MATRIX , ALONE ( with mode selection ,priority and debounce )
one mode control input 'MODE' , could be used as mode selection or STS4 . ( mask option )
MATRIX : 4x4 matrix inputs ; M1-- M16 ( MODE=0 -> subtable1 - 16 ; MODE=1 -> subtable17 - 32 )
priority : M1>M2>M3>M4 ; M5>M6>M7>M8 ; M9>M10>M11>M12 ; M13>M14>M15>M16 .
debounce : 11ms or 1ms .
ALONE : 8 alone inputs ; A1 -- A8 ( MODE=0 -> subtable1 - 8 ; MODE=1 -> subtable9 - 16 )
each input could be one of 3 resistive type input :
1>10Mohm to GND ; 2>schmitt (270k - 1M) for CDS interface ; 3>schmitt ( 270k - 10M ) for CDS interface .
A1 could be trigger input or control outputs ( COUT , PWM , STS ) enable ( '1' ) or disable ( '0' ) .
priority : A1>A2>A3>A4>A5>A6>A7>A8 .
debounce : 10ms or 50us
If MODE/STS4 is in STS4 mode , MATRIX only ( subtable1 - 16 ) , ALONE only ( subtable1 - 8 )
In both mode , all the trigger input could be assign as different playing mode with following options :
EDGE/LEVEL ; HOLD/UNHOLD ; RETRIGGER/IRRETRIGGER .
CPU_INTERFACE : addressing access mode by input pulse count , in this mode A1 - A7 were disable ,could be access up to
32 subtables .
6. A8 or M16 could be mask_selected as NORMAL , SEQUENTIAL or CPU_INTERFACE .
NORMAL : normal mode as in item 5 .
SEQUENTIAL : could be mask_selected as combined with MODE input or not .
If A8 or M16 is in SEQUENTIAL and combined with MODE input :
MODE=1 -> the device will response by one subtable sequentially and cyclically , from subtable1 7 to user _specify
end subtable.
MODE=0 -> the device will response by one subtable sequentially and cyclically , from subtable 1 to user _specify
end subtable.
The number of subtables (used in sequence) in MODE=1 and MODE=0 must be equal ; this number must less than 16 .
If A8 or M16 is in SEQUENTIAL and not combined with MODE input :
The device will response by one subtable sequentially and cyclically , from subtable1 to user defined end subtable.
The relationship between SEQUENTIAL ( A8/M16 ) and other inputs ( A1-A7 / M1-M15 ) could be mask_selected as
RESET or UNRESET .
RESET : once the other inputs were triggered the SEQUENTIAL sequence will reset to subtable 1.
UNRESET : sequential sequence and other inputs are indenpent .
7. 4 OUT pins with following options :
OUT1 : COUT or STS1
OUT2 : PWM1 or STS2
OUT3 : PWM2 or STS3 OUT4 : MODE or STS4
COUT has 3 current output levels : 1>1.5mA ; 2>3mA ; 3>4.5mA . ( full scale ; Vdd=3v )
PWM1 and PWM2 must be selected on the same time , can direct driving BUZZER or 8 or 32 or 64 ohm SPEAKER .


Similar Part No. - AV0332C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AV0332E APLUS-AV0332E Datasheet
203Kb / 10P
3, 7, 14 Seconds Complicate Pure Speech
More results

Similar Description - AV0332C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AVXX08 APLUS-AVXX08 Datasheet
443Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX16 APLUS-AVXX16 Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
AVXX16K APLUS-AVXX16K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX32A APLUS-AVXX32A Datasheet
392Kb / 13P
single-chip voice synthesizing CMOS IC
logo
Samsung semiconductor
S3C7565 SAMSUNG-S3C7565 Datasheet
289Kb / 42P
single-chip CMOS microcontroller
S3C7559 SAMSUNG-S3C7559 Datasheet
266Kb / 38P
single-chip CMOS microcontroller
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
Single-Chip CMOS Microcontrollers
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
single-chip CMOS microcontroller
logo
List of Unclassifed Man...
WD61C96A ETC1-WD61C96A Datasheet
14Mb / 201P
Single-Chip VLSI Peripheral Cache Manager
WD33C95A ETC1-WD33C95A Datasheet
776Kb / 11P
Single Chip VLSI SCSI bus controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13