Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4861M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4861M/NOPB
Description  1.1W Audio Power Amplifier with Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4861M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4861M/NOPB Datasheet HTML 1Page - Texas Instruments LM4861M/NOPB Datasheet HTML 2Page - Texas Instruments LM4861M/NOPB Datasheet HTML 3Page - Texas Instruments LM4861M/NOPB Datasheet HTML 4Page - Texas Instruments LM4861M/NOPB Datasheet HTML 5Page - Texas Instruments LM4861M/NOPB Datasheet HTML 6Page - Texas Instruments LM4861M/NOPB Datasheet HTML 7Page - Texas Instruments LM4861M/NOPB Datasheet HTML 8Page - Texas Instruments LM4861M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4861
www.ti.com
SNAS095C – MAY 1997 – REVISED MAY 2013
LM4861
1.1W Audio Power Amplifier with Shutdown Mode
Check for Samples: LM4861
1
FEATURES
DESCRIPTION
The LM4861 is a bridge-connected audio power
2
•
No output coupling capacitors, bootstrap
amplifier capable of delivering 1.1W of continuous
capacitors, or snubber circuits are necessary
average power to an 8
Ω load with 1% THD+N using
•
Small Outline (SOIC) packaging
a 5V power supply.
•
Compatible with PC power supplies
Boomer
audio
power
amplifiers
were
designed
•
Thermal shutdown protection circuitry
specifically to provide high quality output power with a
minimal
amount
of
external
components
using
•
Unity-gain stable
surface mount packaging. Since the LM4861 does
•
External gain configuration capability
not require output coupling capacitors, bootstrap
capacitors, or snubber networks, it is optimally suited
APPLICATIONS
for low-power portable systems.
•
Personal computers
The LM4861 features an externally controlled, low-
•
Portable consumer products
power consumption shutdown mode, as well as an
internal thermal shutdown protection mechanism.
•
Self-powered speakers
•
Toys and games
The unity-gain stable LM4861 can be configured by
external gain-setting resistors for differential gains of
up to 10 without the use of external compensation
KEY SPECIFICATIONS
components. Higher gains may be achieved with
•
THD+N for 1kHz at 1W continuous
average
suitable compensation.
output power into 8
Ω 1.0% (max)
•
Output power at 10% THD+N at 1kHz into 8
Ω
1.5 W (typ)
•
Shutdown Current 0.6µA (typ)
Connection Diagram
Figure 1. 8-Lead SOIC - Top View
See D Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4861M/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4861M/NOPB TI2-LM4861M/NOPB Datasheet
625Kb / 23P
LM4861 1.1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
LM4861M/NOPB.A TI2-LM4861M/NOPB.A Datasheet
625Kb / 23P
LM4861 1.1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
More results

Similar Description - LM4861M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4861MX TI1-LM4861MX Datasheet
919Kb / 20P
LM4861 1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com