Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH2121TME Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH2121TME
Description  LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH2121TME Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH2121TME Datasheet HTML 15Page - Texas Instruments LMH2121TME Datasheet HTML 16Page - Texas Instruments LMH2121TME Datasheet HTML 17Page - Texas Instruments LMH2121TME Datasheet HTML 18Page - Texas Instruments LMH2121TME Datasheet HTML 19Page - Texas Instruments LMH2121TME Datasheet HTML 20Page - Texas Instruments LMH2121TME Datasheet HTML 21Page - Texas Instruments LMH2121TME Datasheet HTML 22Page - Texas Instruments LMH2121TME Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
³
VOUT = k
vRF
2
dt
iLF
2
dt =
³
iRF
2
dt
³
iOUT =
I0
iLF
2
- iRF
2
LMH2121
www.ti.com
SNVS876A – AUGUST 2012 – REVISED MARCH 2013
(7)
in which I0 is a normalizing current. By using a low-pass filter at the output of the multiplier the DC term of this
current is isolated and integrated. The input of amplifier A acts as the nulling point of the negative feedback loop,
yielding:
(8)
which implies that the average power content of the current related to the output voltage of the LMH2121 is
made equal to the average power content of the current related to the RF input signal.
For a negative-feedback system, the transfer function is given by the inverse function of the feedback block.
Therefore, to have a linear conversion gain for this RF detector, the feedback network implements a linear
function as well resulting in an overall transfer function for the LMH2121 of:
(9)
in which k is the conversion gain. Note that as a result of the feedback loop the square root is implemented.
The envelope response time of this fast-responding RF detector is given by the gain-bandwidth product of the
feedback loop.
Given this architecture for the RF detector, the high performance of the LMH2121 can be understood. In theory
the accuracy of the linear transfer function is set by:
•
The linear feedback network, which basically needs to process a DC signal only.
•
A high loop gain for the feedback loop, which is ensured by the high amplifier gain A.
The square-root functionality is inherent to the feedback loop and the use of a multiplier. Therefore, a very
accurate relation between the power content of the input signal and the output is obtained.
RF Input and Enable
To minimize pin-count, in this case. only 4, the RF input and the enable functionality are combined into one pin.
The RF signal is supplied to the RFIN/EN pin via an external capacitor, while the Enable signal is connected via a
resistor to the RFIN/EN pin (see TYPICAL APPLICATION on the front page). Internally there is an AC path for the
RF signal and a DC path for the enable voltage. Care should be taken with the selection of capacitor C. The turn-
on time of the RF detector will increase when a large capacitor value is chosen. This is because the capacitor
forms a time constant together with resistor R2. A capacitor value of 100 pF and resistor value of 1 kΩ is
recommended which hardly impacts the turn-on time for those values. The turn-on time is mainly determined by
the device itself.
RF systems typically use a characteristic impedance of 50
Ω; the LMH2121 is no exception to this. The 50Ω input
impedance enables an easy, direct connection to a directional coupler without the need for impedance
adjustments. Please note that as a result of the internal AC coupling the 50ohm is not obtained for the complete
DC to HF range. However, the input impedance does approximate 50
Ω at the usual transmit bands.
The LMH2121 can be brought into a low power consumption shutdown mode by means of the DC enable level
which is supplied via a resistor to the RFIN/EN pin. The device is active for Enable = HIGH (VEN > 1.1V), and in
the low-power shutdown mode for Enable = LOW (VEN < 0.6V). In shutdown the output of the LMH2121 is
switched to high impedance.
Output
The output of the LMH2121 provides a DC voltage that is a measure for the applied RF power to the input pin. It
tracks the input RF envelope with a 3 dB bandwidth around 2 MHz. The output voltage has a linear-in-V
response for an applied RF signal. In active mode the output impedance is 100
Ω such that with an external
capacitor some filtering can be obtained if necessary. The output impedance of the LMH2121 is high impedance
in shutdown. This enables a parallel connection of multiple detector outputs where one of the detectors is
enabled at a time.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH2121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com