Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3886TF/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3886TF/NOPB
Description  High-Performance 68W Audio Power Amplifier w/Mute
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3886TF/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3886TF/NOPB Datasheet HTML 10Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 11Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 12Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 13Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 14Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 15Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 16Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 17Page - Texas Instruments LM3886TF/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LM3886
SNAS091C – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Max Heatsink Thermal Resistance (°C/W)
at the Specified Ambient Temperature (°C)
Maximum Power Dissipation
vs
Supply Voltage
Note: The maximum heat sink thermal resistance values, øSA, in the table above were calculated using a øCS = 0.2°C/W due to
thermal compound.
Figure 34.
Power Dissipation
Power Dissipation
vs Output Power
vs Output Power
Figure 35.
Figure 36.
Output Power
vs Supply Voltage
IMD 60 Hz, 4:1
Figure 37.
Figure 38.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com