Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3547S-2AB-201B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3547S-2AB-201B
Description  3-Turn Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3547S-2AB-201B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3547S-2AB-201B Datasheet HTML 1Page - Bourns Electronic Solutions 3547S-2AB-201B Datasheet HTML 2Page - Bourns Electronic Solutions 3547S-2AB-201B Datasheet HTML 3Page - Bourns Electronic Solutions 3547S-2AB-201B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3547 - 3-Turn Precision Potentiometer
Product Dimensions
Single Gang, Bushing Mount
Dual Gang, Bushing Mount
30
° ± 5 °
12.649
± 0.254
(.498
± .010)
MOUNTING FACE
16.256
(.640)
MAX.
R
DIA.
22.479
± 0.812
(.885
± .032)
DIA.
6.86
± 0.25
(.270
± .010)
1.52
(.060)
20.643
± 0.787
(.813
± .031)
7.92
± 0.381
(.312
± .015)
SHAFT DIMENSION “A”
10.287 + 0.00/-0.05
(.405 +0.00/-.002)
12.7
± 0.254
(.500
± .010)
6.02
± 0.381
(.237
± .015)
0.813
(.032)
14.351
± 0.381
(.565
± .015)
18.796
± 0.381
(.740
± .015)
MOUNTING SURFACE
BUSHING TYPE “B”
ADJ. SLOT:
WIDE X
0.813
± .0004
(.032
± .010)
DEEP
1.499
(.059)
OPTIONAL ANTI-
ROTATIONAL PIN
AND
7.366
(.290)
RADIUS
1.016
(.040)
FROM MOUNTING
SURFACE ON
26.467
± 0.762
(1.042
± .030)
34.798
± 0.762
(1.370
± .030)
39.243
± 0.762
(1.545
± .030)
40.259
± 0.762
(1.585
± .030)
2
2
1
1
3
3
1
3 CW
CCW
1
3 CW
CLOCKWISE
CCW
WIPER
2
2
30
° ± 5 °
12.649
± 0.254
(.498
± .010)
MOUNTING FACE
16.256
(.640)
MAX.
R
DIA.
DIA.
22.479
± 0.812
(.885
± .032)
19.812
± 0.812
(.780
± .032)
6.86
± 0.25
(.270
± .010)
1.524
± 0.254
(.060
± .010)
20.617
± 0.787
(.812
± .031)
7.92
± 0.381
(.312
± .015)
SHAFT DIMENSION “A”
10.287 + 0.00/-0.05
(.405 +0.00/-.002)
12.7
± 0.254
(.500
± .010)
5.715
± 0.381
(.225
± .015)
0.762
(.030)
0.813
(.032)
14.046
± 0.381
(.553
± .015)
18.446
± 0.381
(.726
± .015)
MOUNTING SURFACE
BUSHING TYPE “B”
ADJUSTMENT SLOT:
WIDE X
0.813
(.032)
DEEP
1.499
(.059)
OPTIONAL ANTI-
ROTATIONAL PIN
AND
7.366
(.290)
RADIUS
1.016
(.040)
FROM MOUNTING
SURFACE ON
R
2
1
3
TOLERANCES: EXCEPT WHERE NOTED
DECIMALS: .XX
±
.XXX
±
.XXXX
±
DIMENSIONS:
1
3 CW
CLOCKWISE
CCW
2 WIPER
.50
(.02)
.127
(.005)
.0127
(.0005)
MM
(IN)
Shaft Dimension "A"
6.34 +0/-0.022
(0.2497 +0/-0.0009)
6.00 +0/-0.022
(0.2362 +0/-0.0009)
6.34 +0/-0.007
(0.2497 +0/-0.0003)
6.00 +0/-0.007
(0.2362 +0/-0.0003)
6.34 +0/-0.007
(0.2497 +0/-0.0003)
6.00 +0/-0.007
(0.2362 +0/-0.0003)
Bushing
Selection
Code
A
B
C
D
G
H
Bushing Type "B"
3/8 " 32-UNEF- 2A THD.
M9 X 0.75-8g
3/8 " 32-UNEF- 2A THD.
M9 X 0.75-8g
3/8 " 32-UNEF- 2A THD.
M9 X 0.75-8g
Shaft Material
Nickel Plated Brass
Nickel Plated Brass
Stainless Steel
Stainless Steel
Stainless Steel
Stainless Steel
Bushing Material
Brass
Brass
Bronze
Bronze
Bronze
Bronze



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com