| Electronic Components Datasheet Search |
|
LMC660AIN/NOPB Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMC660AIN/NOPB Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 22 page ![]() LMC660 SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013 www.ti.com (2) where: (3) is the amplifier's low-frequency noise gain and GBW is the amplifier's gain bandwidth product. An amplifier's low- frequency noise gain is represented by the formula: (4) regardless of whether the amplifier is being used in inverting or non-inverting mode. Note that a feedback capacitor is more likely to be needed when the noise gain is low and/or the feedback resistor is large. If the above condition is met (indicating a feedback capacitor will probably be needed), and the noise gain is large enough that: (5) the following value of feedback capacitor is recommended: (6) If (7) the feedback capacitor should be: (8) Note that these capacitor values are usually significant smaller than those given by the older, more conservative formula: (9) CS consists of the amplifier's input capacitance plus any stray capacitance from the circuit board and socket. CF compensates for the pole caused by CS and the feedback resistors. Figure 16. General Operational Amplifier Circuit Using the smaller capacitors will give much higher bandwidth with little degradation of transient response. It may be necessary in any of the above cases to use a somewhat larger feedback capacitor to allow for unexpected stray capacitance, or to tolerate additional phase shifts in the loop, or excessive capacitive load, or to decrease the noise or bandwidth, or simply because the particular circuit implementation needs more feedback capacitance to be sufficiently stable. For example, a printed circuit board's stray capacitance may be larger or smaller than the breadboard's, so the actual optimum value for CF may be different from the one estimated using the breadboard. In most cases, the values of CF should be checked on the actual circuit, starting with the computed value. 8 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LMC660 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |