Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMC660CMX/NOPB
Description  LMC660 CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC660CMX/NOPB Datasheet HTML 9Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 10Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 11Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 12Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 13Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 14Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 15Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 16Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
TYPICAL SINGLE-SUPPLY APPLICATIONS (continued)
(V
+ = 5.0 VDC)
fosc = 1/2
πRC, where R = R1 = R2 and
C = C1 = C2.
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-peak output swing of 4.5V.
Figure 26. 1 Hz Square-Wave Oscillator
Figure 27. Power Amplifier
Figure 28. 10 Hz Bandpass Filter
fO = 10 Hz
Q = 2.1
Gain =
−8.8
Figure 29. 10 Hz High-Pass Filter
fc = 10 Hz
d = 0.895
Gain = 1
2 dB passband ripple
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com