Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0002MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0002MA/NOPB
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0002MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH0002MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH0002MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VCC
50:
LMH0002
SD/HD
VEE
SDO
SDI
SDI
RREF
VCC
SDO
750:
50:
0.1 PF
1.0 PF
1.0 PF
VCC
75:
75:
0.1 PF
75:
5.6 nH
75:
5.6 nH
4.7 PF
4.7 PF
VCC
SD/HD
Differential
Input
LMH0002
www.ti.com
SNLS215D – JANUARY 2006 – REVISED AUGUST 2008
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
Check for Samples: LMH0002
1
FEATURES
APPLICATIONS
2
•
SMPTE 292M, SMPTE 344M and SMPTE 259M
•
SMPTE 292M, SMPTE 344M, and SMPTE 259M
Compliant
Serial Digital Interfaces
•
Supports DVB-ASI at 270 Mbps
•
Sonet/SDH and ATM Interfaces
•
Data Rates to 1.485 Gbps
•
Digital Routers and Switches
•
Differential Input
•
Distribution Amplifiers
•
75
Ω Differential Output
•
Buffer Applications
•
Selectable Slew Rate
•
Set Top Boxes
•
Adjustable Output Amplitude
•
Security Cameras
•
Single 3.3V Supply Operation
DESCRIPTION
•
Operating Temperature Range: Commercial
The LMH0002 SMPTE 292M / 259M serial digital
0°C to +70°C (SOIC) or Industrial
−40°C to
cable driver is a monolithic, high-speed cable driver
+85°C (SOIC and WQFN)
designed for use in SMPTE 292M / 259M serial
•
Typical Power Consumption: 125 mW in SD
digital video and ITU-T G.703 serial digital data
Mode and 149 mW in HD Mode
transmission applications. The LMH0002 drives 75
Ω
transmission lines (Belden 8281, Belden 1694A or
•
8–pin SOIC or 16–pin WQFN Package
equivalent) at data rates up to 1.485 Gbps.
•
Replaces the GS1528, GS1528A, or GS1578A
The LMH0002 provides two selectable slew rates for
SMPTE 259M and SMPTE 292M compliance. The
output voltage swing is adjustable via a single
external resistor.
The LMH0002 is powered from a single 3.3V supply.
Power consumption is typically 125 mW in SD mode
and 149 mW in HD mode. The LMH0002 is available
in an 8-pin SOIC or 16-pin WQFN package.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH0002MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002MA/NOPB TI2-LMH0002MA/NOPB Datasheet
540Kb / 18P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
REVISED APRIL 2013
LMH0002MA/NOPB.A TI2-LMH0002MA/NOPB.A Datasheet
540Kb / 18P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
REVISED APRIL 2013
More results

Similar Description - LMH0002MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com