Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.0/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.0/NOPB
Description  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-3.0/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP2985IM5-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and
DSBGA Packages
Designed for Use with Very Low ESR Output Capacitors
Check for Samples: LP2985-N
1
FEATURES
DESCRIPTION
The LP2985-N is a 150 mA, fixed-output voltage
2
•
Ultra Low Dropout Voltage
regulator designed to provide ultra low-dropout and
•
Ensured 150 mA Output Current
low noise in battery powered applications.
•
Smallest Possible Size (SOT-23, DSBGA
Using an optimized VIP (Vertically Integrated PNP)
Packages)
process,
the
LP2985-N
delivers
unequalled
•
Requires Minimum External Components
performance in all specifications critical to battery-
powered designs:
•
Stable with Low-ESR Output Capacitor
•
<1 µA Quiescent Current when Shut Down
Dropout Voltage: Typically 300 mV @ 150 mA load,
and 7 mV @ 1 mA load.
•
Low Ground Pin Current at All Loads
•
Output Voltage Accuracy 1% (A Grade)
Ground Pin Current: Typically 850 µA @ 150 mA
load, and 75 µA @ 1 mA load.
•
High Peak Current Capability
•
Wide Supply Voltage Range (16V Max)
Enhanced Stability: The LP2985-N is stable with
output capacitor ESR as low as 5 m
Ω, which allows
•
Low ZOUT: 0.3Ω Typical (10 Hz to 1 MHz)
the use of ceramic capacitors on the output.
•
Overtemperature/Overcurrent Protection
Sleep Mode: Less than 1 µA quiescent current when
•
−40°C to +125°C Junction Temperature Range
ON/OFF pin is pulled low.
•
Custom Voltages Available
Smallest
Possible
Size:
SOT-23
and
DSBGA
packages use absolute minimum board space.
APPLICATIONS
Precision Output: 1% tolerance output voltages
•
Cellular Phone
available (A grade).
•
Palmtop/Laptop Computer
Low Noise: By adding a 10 nF bypass capacitor,
•
Personal Digital Assistant (PDA)
output noise can be reduced to 30 µV (typical).
•
Camcorder, Personal Stereo, Camera
Multiple voltage options, from 2.5V to 5.0V, are
available as standard products. Consult factory for
custom voltages.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2985IM5-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985IM5-3.0/NOPB TI1-LP2985IM5-3.0/NOPB Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-3.0/NOPB TI-LP2985IM5-3.0/NOPB Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
LP2985IM5-3.0/NOPB TI-LP2985IM5-3.0/NOPB Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED MAY 2023
LP2985IM5-3.0/NOPB TI1-LP2985IM5-3.0/NOPB Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED JULY 2023
More results

Similar Description - LP2985IM5-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985-N TI-LP2985-N_V01 Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985-N TI-LP2985-N_V02 Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED MAY 2023
LP2985-N TI1-LP2985-N_V03 Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com