Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETQP4LR36AFM Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ETQP4LR36AFM
Description  Power Choke Coil for Automotive application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ETQP4LR36AFM Datasheet(HTML) 3 Page - Panasonic Battery Group

  ETQP4LR36AFM Datasheet HTML 1Page - Panasonic Battery Group ETQP4LR36AFM Datasheet HTML 2Page - Panasonic Battery Group ETQP4LR36AFM Datasheet HTML 3Page - Panasonic Battery Group ETQP4LR36AFM Datasheet HTML 4Page - Panasonic Battery Group ETQP4LR36AFM Datasheet HTML 5Page - Panasonic Battery Group ETQP4LR36AFM Datasheet HTML 6Page - Panasonic Battery Group ETQP4LR36AFM Datasheet HTML 7Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
– 173 –
IDC (A)
0
2
4
6
8
10
12
04
26
8
16
10 12 14
IDC (A)
0
10
20
30
40
50
60
70
80
04
8
12
16
20
PWB condition A
PWB condition B
PWB condition A
PWB condition B
IDC (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
05
15
10
25
20
30
IDC (A)
0
10
20
30
40
50
60
70
80
02
4
6
8
10
PWB condition A
PWB condition B
IDC (A)
0
10
20
30
40
50
60
70
80
00.5 1.0 1.5
2.0 2.5 3.0
PWB condition A
PWB condition B
IDC (A)
0
10
20
30
40
50
60
70
80
01
2
3
4
5
PWB condition A
PWB condition B
IDC (A)
0
10
20
30
40
50
60
70
80
01
2
3
4
5
6
7
PWB condition A
PWB condition B
IDC (A)
0
20
40
60
80
100
120
01
2
5
34
IDC (A)
0
10
20
30
60
40
50
02
4
6
8
IDC (A)
0
5
10
15
20
25
02
4
6
10
8
2. Series PCC-M0854M/PCC-M0850M (ETQP5M
YFK/ETQP5M
YGK)
Standard Parts
● Inductance vs DC Current
ETQP5M2R5YFK
ETQP5M100YFK
ETQP5M2R5YFK
Performance Characteristics (Reference)
ETQP5M100YFK
● Case Temperature vs DC Current
PWB condition A : Four-layer PWB (1.6 mm FR4), See also (
2)
PWB condition B : Multilayer PWB with high heat dissipation performance. See also (
3)
ETQP5M101YGK
ETQP5M470YFK
ETQP5M220YFK
ETQP5M101YGK
ETQP5M470YFK
ETQP5M220YFK
(1) Measured at 100 kHz.
(2) DC current which causes temperature rise of 40 K. Parts are soldered by reflow on four-layer PWB (1.6 mm FR4) and
measured at room temperature. See also (5)
(3) DC current which causes temperature rise of 40 K. Parts are soldered by reflow on multilayer PWB with high heat dissipation performance. Note: Heat
radiation constant are approx. 27 K/W measured on 8.5 8.0 5.4 mm case size and approx. 29 K/W measured on 8.5 8.0 5.0 mm case size. See also (5)
(4) Suturation rated current : DC current which causes L(0) drop –30 %.
(5) Within a suitable application, the part’s temperature depends on circuit design and certain heat dissipation conditions.
This should be double checked in a worst case operation mode.
In normal case, the max.standard operating temperature of + 150 °C should not be exceeded.
For higher operating temperature conditions, please contact Panasonic representative in your area.
Series
Part No.
Inductance ✽1
DCR (at 20 °C) (m )
Rated Current (Typ. : A)
L0
(µH)
Tolerance
(%)
Typ.
(max.)
Tolerance
(%)
T=40K
L=–30%
(2)
(3)
(4)
PCC-M0854M
[8.5 8.0 5.4(mm)]
ETQP5M2R5YFK
2.5
±20
7.6(8.4)
±10
11.9
14.0
20.1
ETQP5M100YFK
10
33(37)
5.7
6.7
13.0
ETQP5M220YFK
22
63(70)
4.1
4.8
6.9
ETQP5M470YFK
48
125(138)
2.9
3.4
5.4
PCC-M0850M
[8.5 8.0 5.0(mm)]
ETQP5M101YGK
100
±20
302(333)
±10
1.7
2.1
3.0
Oct. 2011
01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com