Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBM-A350 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # ADBM-A350
Description  Optical Finger Navigation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBM-A350 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button ADBM-A350 Datasheet HTML 17Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 18Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 19Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 20Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 21Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 22Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 23Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 24Page - Pixart Imaging Inc. ADBM-A350 Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
Example: Polling of Status register (X-Y Motion Bit and Button bits)
To poll the STATUS register, the following structure can be used:
1
2
DA
RA
START
0000010
1010111
7
7
0
0
00
ADBS
Address 0 x 57
Register
Address 0 x 02
ACK
ACK
R/W
ai
Packet
number
Packet
type
SDA
host
SDA
ADBS
3
4
DA
DP
5
DP
START
ACK
NAK
STOP
ACK
00010001
1010111
R/W
70
00000000
Host could
also drive
another
START
condition
instead of a
STOP
condition
Packet
number
Packet
type
SDA
host
SDA
ADBS
ADBS Address
0 x 57
ADBS
STATUS
register
ADBS
STATUS
register
70
1
Figure 19. TWI polling
In this case, the host read ADBM-A350 data packets until the update bit (bit 4). Then the host could read successive
registers using the ai bit example below.
Note: polling the Status register rather than using the DATA_RDY pin increases power consumption
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com