Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAS6329 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
Other_SWRstn
[5]
0x00
SW reset for Others
1
EF
239
R_RegBankSel
[2:0]
0x00
Register Bank Select
0: ISP1 Register Bank (default);
1: Sensor Register Bank;
2: ISP2 Register Bank;
2
0
0
ISP2_Update
[0]
0x00
ISP2_UpdateFlag
R_AUTO_Contrast_EnH
[4]
0x00
Auto contrast enable
2
B
11
R_AUTO_Contrast_Strength
[3:0]
0x07
Contrast strength, 0~15
2
C
12
R_AUTO_Contrast_UB
[7:0]
0x50
Contrast strength UB
2
D
13
R_AUTO_Contrast_LB
[7:0]
0x40
Contrast strength LB
2
18
24
R_Curve_Y3[7:0]
[7:0]
0x6f
ISP tone curve Y3: Before Histogram,
real value=R_Curve_Y3[7:0]<<2
2
19
25
R_Curve_Y6[7:0]
[7:0]
0xa5
ISP tone curve Y6: Before Histogram,
real value=R_Curve_Y6[7:0]<<2
2
26
38
R_DefectThd_NL[4:0]
[4:0]
0x0c
Defect test threshold @ Normal Light
2
27
39
R_DefectThd_LL[4:0]
[4:0]
0x0c
Defect test threshold @ Low Light
R_FlatRatio[3:0]
[3:0]
0x08
ISP edge enhancement flat ratio
R_Flat_En
[6]
0x01
ISP edge enhancement flat enable
2
2A
42
R_ISP_Edge_En0
[7]
0x01
ISP edge enhancement enable
2
2C
44
R_Edge_UB[7:0]
[7:0]
0x20
ISP edge enhancement value upper bound
2
2D
45
R_Edge_LB[7:0]
[7:0]
0x19
ISP edge enhancement value lower bound
2
2E
46
R_EdgeThdLB[7:0]
[7:0]
0x10
ISP edgethd LB
2
2F
47
R_AE_stage_LL[4:0]
[4:0]
0x13
AE_stage > R_AE_stage_LL =>Low Light
2
30
48
R_AE_stage_NL[4:0]
[4:0]
0x11
AE_stage < R_AE_stage_NL =>Normal Light
2
35
53
R_Gamma_Strength_NL[4:0]
[4:0]
0x10
Gamma Strength @ NL
R_Gamma_Strength_Delta[4:0]
[4:0]
0x08
Increment when AE/AG stage change
2
36
54
R_Manual_Gamma_Strength
[5]
0x00
Fix setting to NL
2
37
55
R_Gamma_Strength_LL[4:0]
[4:0]
0x08
Gamma Strength @ LL
2
3E
62
R_CCMbSign[5:0]
[5:0]
0x33
CCM matrix coefficient
2
3F
63
R_CCMb0_0[7:0]
[7:0]
0x26
CCM matrix coefficient
2
40
64
R_CCMb0_1[7:0]
[7:0]
0x4b
CCM matrix coefficient
2
41
65
R_CCMb0_2[7:0]
[7:0]
0x0f
CCM matrix coefficient
2
42
66
R_CCMb1_0[7:0]
[7:0]
0x18
CCM matrix coefficient
2
43
67
R_CCMb1_1[7:0]
[7:0]
0x52
CCM matrix coefficient
2
44
68
R_CCMb1_2[7:0]
[7:0]
0x6a
CCM matrix coefficient
2
45
69
R_CCMb2_0[7:0]
[7:0]
0x6a
CCM matrix coefficient
2
46
70
R_CCMb2_1[7:0]
[7:0]
0x68
CCM matrix coefficient
2
47
71
R_CCMb2_2[7:0]
[7:0]
0x02
CCM matrix coefficient
2
55
85
R_Manual_EdgeRatio
[4]
0x00
Fix setting to normal light
2
56
86
R_EdgeRatio_Delta[4:0]
[4:0]
0x08
Increment when AE/AG state change
2
57
87
R_EdgeRatio_LL[4:0]
[4:0]
0x04
Edge ratio @Low Light
2
58
88
R_EdgeRatio_NL[4:0]
[4:0]
0x0a
Edge ratio @Normal Light
2
59
89
R_Manual_Edge_th
[4]
0x00
Fix setting to normal light
2
5A
90
R_Edge_th_Delta[4:0]
[4:0]
0x08
Increment when AE/AG state change
2
5B
91
R_Edge_th_LL[7:0]
[7:0]
0x0a
Edge threshold @ Low Light
2
5C
92
R_Edge_th_NL[7:0]
[7:0]
0x08
Edge threshold @ Normal Light
R_Saturation_Fast
[0]
0x01
1: fast change, +-Delta;
0: slow change, +-(1/Delta);
R_Saturation_2X
[1]
0x00
Color Saturation double
2
5D
93
R_Manual_Saturation
[4]
0x00
Fix setting to normal light
2
5E
94
R_Saturation_Delta[4:0]
[4:0]
0x01
Increment when AE/AG state change
2
5F
95
R_Saturation_LL[4:0]
[4:0]
0x0b
Color Saturation @ Low Light
2
60
96
R_Saturation_NL[4:0]
[4:0]
0x16
Color Saturation @ Normal Light
R_Shading_CP_R_Fast
[0]
0x00
1: fast change, +-Delta;
0: slow change, +-(1/Delta);
2
61
97
R_Manual_Shading_CP
[4]
0x00
Manual Shading percentage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com