Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54352PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54352PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54352PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54352PWPR Datasheet HTML 9Page - Texas Instruments TPS54352PWPR Datasheet HTML 10Page - Texas Instruments TPS54352PWPR Datasheet HTML 11Page - Texas Instruments TPS54352PWPR Datasheet HTML 12Page - Texas Instruments TPS54352PWPR Datasheet HTML 13Page - Texas Instruments TPS54352PWPR Datasheet HTML 14Page - Texas Instruments TPS54352PWPR Datasheet HTML 15Page - Texas Instruments TPS54352PWPR Datasheet HTML 16Page - Texas Instruments TPS54352PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
13
Switching Frequency Limitations
Due to the internal design of the TPS54352−6 there are
limitations to the maximum usable switching frequency for
any given input voltage. This limit is constrained by the
minimum controllable on time which may be as high as
220 ns. Figure 31 shows the maximum switching
frequency versus input voltage for each device. This family
of curves is valid for output currents greater than 0.5 A. As
output currents decrease towards no load (0 A), the
apparent on time increases, decreasing the maximum
switching frequency that may be obtained for a given input
and output voltage. Figure 32 shows the maximum
switching frequency versus input voltage for each device
for zero load current various operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com