Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8347ECVRAGFB Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 99Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
96
Freescale Semiconductor
Document Revision History
22.2
Part Marking
Parts are marked as in the example shown in Figure 45.
Figure 45. Freescale Part Marking for TBGA or PBGA Devices
23 Document Revision History
This table provides a revision history of this document.
Table 72. Document Revision History
Rev.
Number
Date
Substantive Change(s)
12
09/2011
• In Section 2.2, “Power Sequencing,” added Section 2.2.1, “Power-Up Sequencing” and Figure 4.
•In Table 25, Table 29 and Table 31, removed the GTX_CLK125.
•In Table 34, updated tMDKHDX Max value from 170ns to 70ns.
11
11/2010
• In Table 56, added overbar to LCS[4] and LCS[5] signals. In Table 55 and Table 56, added note
for pin LGPL4.
•In Section 21.7, “Pull-Up Resistor Requirements, updated the list of open drain type pins.
10
05/2010
• In Table 25 through Table 30, changed VIL(min) to VIH(max) to (20%–80%).
• Added Table 8, “EC_GTX_CLK125 AC Timing Specifications.”
9
5/2009
• In Section 18.3, “Package Parameters for the MPC8347EA PBGA, changed solder ball for TBGA
and PBGA from 95.5 Sn/0.5 Cu/4 Ag to 96.5 Sn/3.5 Ag.
•In Table 58, updated frequency for DDR2, from 100-200 to 100-133 at core frequency = 533MHz.
•In Table 59, added two columns for the DDR1 and DDR2 memory bus frequency.
•In Table 70, footnote 1, changed 667(TBGA) to 533(TBGA). footnote 4, added data rate for DDR1
and DDR2.
Notes:
ATWLYYWW is the traceability code.
MPCnnnnetppaaar
core/platform MHZ
ATWLYYWW
CCCCC
TBGA/PBGA
*MMMMM
YWWLAZ
CCCCC is the country code.
MMMMM is the mask number.
YWWLAZ is the assembly traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com