Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8034ARTZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8034ARTZ-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034ARTZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8034ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 24Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD8033/AD8034
Rev. D | Page 20 of 24
1V/DIV 100ns/DIV
OUTPUT
INPUT
2
Figure 56. Peak Detector Response 4 V, 300 ns Pulse
Figure 56 shows the peak detector in Figure 55 capturing a
300 ns, 4 V pulse with 10 mV of kickback and a droop rate of
5 V/s. For larger peak-to-peak pulses, increase the time constants
of R1, C1 and R3, C3 to reduce overshoot. The best droop rate
occurs by isolating parasitic resistances from Node 3, which can
be accomplished using a guard band connected to the output of the
second amplifier that surrounds its summing junction (Node 3).
Increasing both time constants by a factor of 3 permits a larger
peak pulse to be captured and increases the output accuracy.
1V/DIV 200ns/DIV
OUTPUT
INPUT
2
Figure 57. Peak Detector Response 5 V, 1 μs Pulse
Figure 57 shows a 5 V peak pulse being captured in 1 μs with
less than 1 mV of kickback. With this selection of time constants,
up to a 20 V peak pulse can be captured with no overshoot.
ACTIVE FILTERS
The response of an active filter varies greatly depending on the
performance of the active device. Open-loop bandwidth and
gain, along with the order of the filter, determines the stop-band
attenuation as well as the maximum cutoff frequency, while
input capacitance can set a limit on which passive components
are used. Topologies for active filters are varied, and some are
more dependent on the performance of the active device than
others are.
The Sallen-Key topology is the least dependent on the active
device, requiring that the bandwidth be flat to beyond the stop-
band frequency because it is used simply as a gain block. In the
case of high Q filter stages, the peaking must not exceed the open-
loop bandwidth and the linear input range of the amplifier.
Using an AD8033/AD8034, a 4-pole cascaded Sallen-Key filter
can be constructed with fC = 1 MHz and over 80 dB of stop-band
attenuation, as shown in Figure 58.
–VS
+VS
C2
10pF
–VS
+VS
VIN
R1
4.22kΩ
AD8034
1/2
AD8034
1/2
R2
6.49kΩ
R5
49.9Ω
C1
27pF
C3
33pF
R4
4.99kΩ
R3
4.99kΩ
C4
82pF
VOUT
Figure 58. 4-Pole Cascade Sallen-Key Filter
Component values are selected using a normalized cascaded,
2-stage Butterworth filter table and Sallen-Key 2-pole active
filter equations. The overall frequency response is shown in
Figure 59.
10M
1M
10k
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100k
Figure 59. 4-Pole Cascade Sallen-Key Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com