Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6630S1D-C28-R203 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 6630S1D-C28-R203
Description  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

6630S1D-C28-R203 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  6630S1D-C28-R203 Datasheet HTML 1Page - Bourns Electronic Solutions 6630S1D-C28-R203 Datasheet HTML 2Page - Bourns Electronic Solutions 6630S1D-C28-R203 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ Lower profile than Model 6639
■ Essentially infinite resolution
■ Excellent rotational life
■ High quality, rugged construction
■ Recommended for HMI applications
■ Cost and space saving
■ Optional anti-rotation lug
■ Optional mechanical stop
6630 - Precision Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics1
Standard Resistance Range....................................................................................... 1K to 20K ohms
Total Resistance Tolerance..........................................................................................................±15 %
Independent Linearity .................................................................................................................±2.0 %
Effective Electrical Angle .......................................................................................................340 ° +3 °
End Voltage ................................................................................................................. 0.5 % maximum
Output Smoothness......................................................................................................................0.1 %
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level .......................................................................................................... 750 VAC minimum
Power Rating (Voltage Limited By Power Dissipation or 300 VAC, Whichever is Less)
+70 °C ................................................................................................................................ 1.0 watt
+125 °C ................................................................................................................................. 0 watt
Insulation Resistance (500 VDC) ..................................................................... 10 megohms minimum
Resolution................................................................................................................. Essentially infinite
Environmental Characteristics1
Operating Temperature Range ................................................................................. -40 °C to +125 °C
Storage Temperature Range .................................................................................... -65 °C to +125 °C
Temperature Coefficient .................................................................................. ±500 ppm/°C maximum
Vibration ........................................................................................................................................ 15 G
Wiper Bounce......................................................................................... 0.1 millisecond maximum
Total Resistance Shift..............................................................................................................±5 %
Voltage Ratio Shift................................................................................................................±0.5 %
Shock............................................................................................................................................. 50 G
Wiper Bounce......................................................................................... 0.1 millisecond maximum
Total Resistance Shift..............................................................................................................±5 %
Voltage Ratio Shift................................................................................................................±0.5 %
Load Life................................................................................................................. 1,000 hours, 1 watt
Total Resistance Shift............................................................................................................±10 %
Rotational Life (No Load)............................................................................5,000,000 shaft revolutions
Total Resistance Shift........................................................................................... ±10 % maximum
Moisture Resistance (MIL-STD-202, Method 106)
Total Resistance Shift............................................................................................................±15 %
IP Rating........................................................................................................................................IP 40
Mechanical Characteristics1
Mechanical Angle .......................................................... Continuous, Stops (340 ° +8 °, -0 °) available
Torque (Starting & Running)2 ................................................................... 0.40 N-cm (0.5 oz.-in.) max.
Mounting............................................................................ 170-200 N-cm (15-18 lb.-in.) maximum
Shaft Runout................................................................................................. 0.13 mm (0.005 in.) T.I.R.
Shaft End Play.............................................................................................. 0.13 mm (0.005 in.) T.I.R.
Shaft Radial Play .......................................................................................... 0.13 mm (0.005 in.) T.I.R.
Backlash ........................................................................................................................ 0.1 º maximum
Weight ........................................................18 gm (6539 Servo Mount), 24 gm (6639 Bushing Mount)
Terminals ....................................................................................................Axial and radial solder lugs
Soldering Condition ................... Recommended hand soldering using Sn95/Ag5 no clean solder,
0.025 ” wire diameter. Maximum temperature 399°C (750 °F) for 3 seconds.
No wash process to be used with no clean flux.
Marking..................................................Manufacturer’s name and part number, resistance value and
tolerance, linearity tolerance, wiring diagram, and date code.
Ganging (Multiple Section Pots) .................................................................................. 1 cup maximum
Hardware .................................................... One lockwasher (H-37-2) and one mounting nut (H-38-2)
is shipped with potentiometer.
1 At room ambient: +25 °C nominal and 50 % relative humidity, except as noted.
2 2.82 N-cm (4.0 oz.-in.) max. at -40 °C.
Product Dimensions
SLOT
MOUNTING SURFACE
22.23 ± 0.79
(.875 ± .031)
0.38
(.015)
R
MAX.
0.66
(.026)
7.93
(.312)
RADIUS
DIA.
OPTIONAL
ANTI-ROTATIONAL PIN
FROM MOUNTING
SURFACE ON
1.57 ± 0.05
(.062 ± .002)
0.51
(.020)
5.08 ± 0.38
(.200 ± .015)
5.54 +0.00/-0.25
(.218 +.000/-.010)
6.35
(.250)
DIA.
Axial Leaded
Radial Leaded
2.79
(.110)
0.64
(.025)
X 30 ° ± 10 °
5.87 ± 0.38
(.231 ± .015)
22.23 ± 0.38
(.875 ± .015)
9.53 ± 0.38
(.375 ± .015)
9.65 ± 0.25
(.380 ± .010)
9.65 ± 0.50
(.380 ± .020)
9.73 ± 0.38
(.383 ± .015)
6.342+.000/-.013
(.2497+.0000/-.0005)
15.88 ± .025 X 1.143
(.0625 ± .0010 X .045)
3 PLCS.
TYP.
TYP.
R
1
2
3
DIA.
14.78 ± 1.00
(.582 ± .040)
DIA.
(.047)
X
(.063 ± .010)
1.19
1.60 ± 0.25
CHAMFER
3/8 " - 32 UNEF- 2A-THD.
5.08 ± .25
(.200 ± .010)
TYP.
1.70 ± 0.38
(.067 ± .015)
2.79
(.110)
3 PLCS.
Flatted Shaft
DIA.
6.342+.000/-.013
(.2497+.0000/-.0005)
0.64
(.025)
X 30 ° ± 10 °
CHAMFER
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER


Similar Part No. - 6630S1D-C28-R203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6630S BOURNS-6630S Datasheet
99Kb / 3P
Precision Potentiometer
More results

Similar Description - 6630S1D-C28-R203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
Precision Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com