Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV641DL121RPCEN Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29LV641DL121RPCEN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DL121RPCEN Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29LV641DL121RPCEN Datasheet HTML 16Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 17Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 18Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 19Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 20Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 21Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 22Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 23Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
September 20, 2002
Am29LV640D/Am29LV641D
19
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting the first or last sector without
using V
ID.
If the system asserts V
IL on the WP# pin, the device
disables program and erase functions in the first or
last sector independently of whether those sectors
were protected or unprotected using the method de-
scribed in “Sector Group Protection and Unprotection”.
Note that if WP# is at V
IL when the device is in the
standby mode, the maximum input load current is in-
creased. See the table in “DC Characteristics”.
If the system asserts V
IH on the WP# pin, the device
reverts to whether the first or last sector was previ-
ously set to be protected or unprotected using the
method described in “Sector Group Protection and Un-
protection”.
Temporary Sector Group Unprotect
(Note: In this device, a sector group consists of four adjacent
sectors that are protected or unprotected at the same time
(see Table 4)).
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting the RESET# pin to V
ID (8.5 V – 12.5 V). During
this mode, formerly protected sector groups can be
programmed or erased by selecting the sector group
addresses. Once V
ID is removed from the RESET#
pin, all the previously protected sector groups are
protected again. Figure 1 shows the algorithm, and
Figure 21 shows the timing diagrams, for this feature.
Figure 1.
Temporary Sector Group
Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Group Unprotect
Completed (Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sector groups unprotected (If WP# = V
IL,
the first or last sector will remain protected).
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com