Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP431CAS23RGB Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SP431CAS23RGB
Description  High Voltage Adjustable Precision Shunt Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP431CAS23RGB Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SP431CAS23RGB Datasheet HTML 1Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 2Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 3Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 4Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 5Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 6Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 7Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 8Page - SYNC POWER Crop. SP431CAS23RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2013/03/13
Ver.4
Page 3
SP431
High Voltage Adjustable Precision Shunt Regulators
PIN DESCRIPTION: SP431AS23RGB/SP431BS23RGB/ SP431AS89RGB/ SP431BS89RGB
Pin
Symbol
Description
1
R
REF
2
C
CATHODE
3
A
ANODE
PIN DESCRIPTION: SP431AT92AGB/SP431BT92AGB
Pin
Symbol
Description
1
R
REF
2
A
ANODE
3
C
CATHODE
PIN DESCRIPTION: SP431CAS23RGB/SP431CBS23RGB
Pin
Symbol
Description
1
C
CATHODE
2
R
REF
3
A
ANODE
ORDERING INFORMATION
Part Number
Voltage Tolerance
Package
Part
Marking
SP431AS23RGB
0.5%
SOT-23
31AYW
SP431BS23RGB
1.0%
SOT-23
31BYW
SP431AS89RGB
0.5%
SOT-89
SP431A
SP431BS89RGB
1.0%
SOT-89
SP431B
SP431CAS23RGB
0.5%
SOT-23
31CAYW
SP431CBS23RGB
1.0%
SOT-23
31CBYW
SP431AT92AGB
0.5%
TO-92
SP431A
SP431BT92AGB
1.0%
TO-92
SP431B
※ Week Code : A ~ Z ( 1 ~ 26 ) ; a ~ z ( 27 ~ 52 )
※ SP431AS23RGB/SP431BS23RGB : Tape Reel ; Pb – Free; Halogen – Free
※ SP431AS89RGB/SP431BS89RGB : Tape Reel ; Pb – Free; Halogen – Free
※ SP431CAS23RGB/SP431CBS23RGB : Tape Reel ; Pb – Free; Halogen – Free
※ SP431AT92AGB/SP431BT92AGB : Tape Ammo ; Pb – Free; Halogen – Free
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com