Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6003AS8RG Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SP6003AS8RG
Description  Synchronous Rectifier Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6003AS8RG Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SP6003AS8RG Datasheet HTML 1Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 2Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 3Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 4Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 5Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 6Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2012/08/29
Ver.5
Page 4
SP6003A
Synchronous Rectifier Driver
THERMAL RESISTANCE
Symbol
Parameter
Value
Unit
RӨJC
Thermal Resistance Junction – Case (*)
45
/W
℃
(*) The power dissipation and thermal resistance are evaluated under copper board mounted with free air conditions.
ELECTRICAL CHARACTERISTICS
(TA=25
, V
℃
dd=5V, VSYNC=5V, Freq. =300 KHz, Duty Cycle=50%, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT
IDD
Supply current
No load
4
5.5
8
mA
Vonth
Vdd turn on threshold
5.0
7.0
V
Voffth
Vdd turn off threshold
3.8
4.1
V
SYNC REFERENCE (SYNC)
Vshth
SYNC high threshold
3.9
5.0
V
Vslth
SYNC low threshold
0.9
1.2
V
MOSFET GATE DRIVER (MOSG-C)
Voh
Output high voltage
Io = -200mA
4.8
4.9
5.0
V
Vol
Output low voltage
Io = 200mA
0.0
0.1
0.2
V
Td
Propagation delay
No load
15
20
25
ns
Tr
Rise time
Load = 1nF (*)
24
28
36
ns
Tf
Fall time
Load = 1nF (*)
20
23
30
ns
(*) Tr & Tf are measured among 10% and 90% of starting and final voltage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com