Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1706ARDZ-2.5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1706ARDZ-2.5-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-2.5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1706ARDZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADP1706ARDZ-2.5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 8 of 20
400
0
10
1000
ILOAD (mA)
100
350
300
250
200
150
100
50
Figure 16. Dropout Voltage vs. Load Current
3.4
2.5
3.0
4.0
VIN (V)
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
3.2
3.4
3.6
3.8
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 300mA
ILOAD = 500mA
ILOAD = 750mA
ILOAD = 1A
Figure 17. Output Voltage vs. Input Voltage (in Dropout)
2500
0
3.0
4.0
VIN (V)
3.2
3.4
3.6
3.8
2000
1500
1000
500
ILOAD = 1A
ILOAD = 750mA
ILOAD = 500mA
ILOAD = 300mA
ILOAD = 100mA
ILOAD = 10mA
Figure 18. Ground Current vs. Input Voltage (in Dropout)
VOUT
TIME (20µs/DIV)
VIN = 3.8V
VOUT = 1.6V
CIN = 4.7µF
COUT = 4.7µF
LOAD SWITCHED FROM 50mA TO 950mA
AND BACK TO 50mA
Figure 19. Load Transient Response, CIN = 4.7 μF, COUT = 4.7 μF
VOUT
TIME (20μs/DIV)
VIN = 3.8V
VOUT = 1.6V
CIN = 22μF
COUT = 22μF
LOAD SWITCHED FROM 50mA TO 950mA
AND BACK TO 50mA
Figure 20. Load Transient Response, CIN = 22 μF, COUT = 22 μF
TIME (100μs/DIV)
VOUT = 3.3V
CIN = 4.7μF
COUT = 4.7μF
ILOAD = 1A
VIN STEP FROM 4V TO 5V
VOUT
Figure 21. Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com