Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM20020ILJP Datasheet(PDF) 15 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 15 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 11Page - Microchip Technology COM20020ILJP Datasheet HTML 12Page - Microchip Technology COM20020ILJP Datasheet HTML 13Page - Microchip Technology COM20020ILJP Datasheet HTML 14Page - Microchip Technology COM20020ILJP Datasheet HTML 15Page - Microchip Technology COM20020ILJP Datasheet HTML 16Page - Microchip Technology COM20020ILJP Datasheet HTML 17Page - Microchip Technology COM20020ILJP Datasheet HTML 18Page - Microchip Technology COM20020ILJP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 15
Revision 12-05-06
DATASHEET
each.
As a result, one byte is transmitted every 2.2
μS and the time to transmit a message can be
precisely determined. The line idles in a spacing (logic "0") condition. A logic "0" is defined as no line
activity and a logic "1" is defined as a negative pulse of 100nS duration. A transmission starts with an
ALERT BURST consisting of 6 unit intervals of mark (logic "1"). Eight bit data characters are then sent,
with each character preceded by 2 unit intervals of mark and one unit interval of space. Five types of
transmission can be performed as described below:
4.6.1
Invitations To Transmit
An Invitation To Transmit is used to pass the token from one node to another and is sent by the following
sequence:
An ALERT BURST
An EOT (End Of Transmission: ASCII code 04H)
Two (repeated) DID (Destination ID) characters
ALERT
BURST
EOT
DID
DID
4.6.2
Free Buffer Enquiries
A Free Buffer Enquiry is used to ask another node if it is able to accept a packet of data. It is sent by the
following sequence:
An ALERT BURST
An ENQ (ENQuiry: ASCII code 85H)
Two (repeated) DID (Destination ID) characters
ALERT
BURST
ENQ
DID
DID
4.6.3
Data Packets
A Data Packet consists of the actual data being sent to another node. It is sent by the following sequence:
An ALERT BURST
An SOH (Start Of Header--ASCII code 01H)
An SID (Source ID) character
Two (repeated) DID (Destination ID) characters
A single COUNT character which is the 2's complement of the number of data bytes to follow if a short
packet is sent, or 00H followed by a COUNT character if a long packet is sent.
N data bytes where COUNT = 256-N (or 512-N for a long packet)
Two CRC (Cyclic Redundancy Check) characters. The CRC polynomial used is: X
16 + X15 + X2 + 1.
ALERT
BURST
SOH
SID
DID
DID
COUNT
data
data
CRC
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com