Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP306 Datasheet(PDF) 98 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 98 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 96Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 97Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 98Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 99Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 100Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 101Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 96
© 2009 Microchip Technology Inc.
REGISTER 7-8:
IFS3: INTERRUPT FLAG STATUS REGISTER 3
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
—
—
DMA5IF
DCIIF
DCIEIF
—
—C2IF
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2RXIF
INT4IF
INT3IF
T9IF
T8IF
MI2C2IF
SI2C2IF
T7IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
DMA5IF: DMA Channel 5 Data Transfer Complete Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 12
DCIIF: DCI Event Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 11
DCIEIF: DCI Error Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 10-9
Unimplemented: Read as ‘0’
bit 8
C2IF: ECAN2 Event Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 7
C2RXIF: ECAN2 Receive Data Ready Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 6
INT4IF: External Interrupt 4 Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 5
INT3IF: External Interrupt 3 Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 4
T9IF: Timer9 Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 3
T8IF: Timer8 Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 2
MI2C2IF: I2C2 Master Events Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 1
SI2C2IF: I2C2 Slave Events Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 0
T7IF: Timer7 Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com