Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1105 Datasheet(PDF) 3 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 3 Page - ams AG

  AS1105 Datasheet HTML 1Page - ams AG AS1105 Datasheet HTML 2Page - ams AG AS1105 Datasheet HTML 3Page - ams AG AS1105 Datasheet HTML 4Page - ams AG AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
2 - 15
AS1105
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Configuration (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
DOUT
Serial data output for cascading drivers. The output is valid after 16.5 clock cycles. The output is
never set to high impedance.
2
DIN
Data input. Data is programmed into the 16-bit shift register on the rising CLK edge.
3,8,5,6
DIG0 : DIG3
4-digit driver lines that sink the current from the common cathode of the display. In shutdown mode
the AS1105 switches the outputs to VDD.
4,7
GND
Both GND pins must be connected.
9
LOAD
Strobe input. With the rising edge of the LOAD signal the 16-bit of serial data is latched into the
register.
10
CLK
Clock input. The interface is capable to support clock frequencies up to 10MHz. The serial data is
clocked into the internal shift register with the rising edge of the CLK signal. On the DOUT pin the
data is applied with the falling edge of CLK.
11:14, 17:20
SEGA:G, DP
Seven segment driver lines including the decimal point. When a segment is turned off the
output is connected to GND.
15
ISET
The current into ISET determines the peak current through the segments and therefore the
brightness.
16
VDD
Positive Supply Voltage (+5V)
AS1105
10
1
2
11
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
DOUT
DIN
DIG0
GND
DIG2
DIG3
GND
DIG1
LOAD
CLK
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com