Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1108 Datasheet(PDF) 6 Page - ams AG

Part # AS1108
Description  4-Digi t LED Display Dr iver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 6 Page - ams AG

Back Button AS1108 Datasheet HTML 2Page - ams AG AS1108 Datasheet HTML 3Page - ams AG AS1108 Datasheet HTML 4Page - ams AG AS1108 Datasheet HTML 5Page - ams AG AS1108 Datasheet HTML 6Page - ams AG AS1108 Datasheet HTML 7Page - ams AG AS1108 Datasheet HTML 8Page - ams AG AS1108 Datasheet HTML 9Page - ams AG AS1108 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
5 - 20
AS1108
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Table 5. Timing Characteristics (see Figure 10 on page 8)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CLK Clock Period
tCP
100
ns
CLK Pulse Width High
tCH
50
ns
CLK Pulse Width Low
tCL
50
ns
CSMFall-to-CLK Rise Setup Time
(AS1108 SPI-programmed)
tCSS
25
ns
CLK Rise-to -LOAD/CSN Rise Hold Time
tCSH
0
ns
DIN Setup Time
tDS
25
ns
DIN Hold Time
tDH
0
ns
Output Data Propagation Delay
tDO
CLOAD = 50pF
25
ns
LOAD Rising Edge-to-Next Clock Rising Edge
tLDCK
50
ns
Minimum LOAD/CSN Pulse High
tCSW
50
ns
Data-to-Segment Delay
tDSPD
2.25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com