Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1121 Datasheet(PDF) 11 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 11 Page - ams AG

Back Button AS1121 Datasheet HTML 7Page - ams AG AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG AS1121 Datasheet HTML 10Page - ams AG AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
10 - 21
AS1121
Datasheet - Detailed Descr i pti on
8 Detailed Description
Serial Interface
The AS1121 features a versatile 3-pin (CLK, SDI, and SDO) serial interface, which can be connected to microcontrollers or digital signal proces-
sors in various configurations.
The rising edge of the CLK signal shifts data from pin SDI to the internal register. After all data is clocked in, the serial data is latched into the
internal registers at the rising edge of the LD signal.
Note:
All data is clocked in with the MSB first.
Multiple AS1121 devices can be cascaded by connecting the SDO pin of one device with pin SDI of the next device (see Figure 25 on page 17).
The SDO pin can also be connected to the microcontroller to receive status information from the AS1121. The serial data format is 96-bit or 192-
bit wide, depending on mode of the device (see LD on page 2).
Figure 17. Serial Data Input Timing Diagram
Error Information Output
The open-drain output pin XERR indicates if the device is in one of the two error conditions: overtemperature flag or open LED detect. During
normal operation, the internal transistor connected to pin XERR is turned off and the voltage on XERR is pulled up to VCC through an external
pullup resistor.
If an overtemperature or open LED condition is detected, the internal transistor is switched on, and XERR is pulled to GND. Because XERR is an
open-drain output, multiple AS1121 devices can be ORed together and pulled up to VCC with a single pullup resistor (see Figure 25 on page 17).
This reduces the number of signals needed to report a system error.
To differentiate the overtemperature flag from the open LED detect flag from pin XERR, the open LED detect flag can be masked out by setting
OEN = 1 (see Table 6).
DCn
MSB
GSn
MSB
DCn-1
MSB-1
DCn-1
LSB
DCn
MSB
X
X
DCn
LSB
SID
MSB
X
DCn-1
MSB-1
DCn+1
MSB
GSn
LSB
MODE
SDI
CLK
SDO
LD
Dot Correction Mode
Data Input Cycle
Greyscale Mode
Data Input Cycle
Dot Correction Mode
Data Input Cycle
tH3
tSU3
tH3
tH2
tSU2
tSU2
96
1
1
192
1
2
DCn-1
LSB
DCn-1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com