Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1130 Datasheet(PDF) 12 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 12 Page - ams AG

Back Button AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG AS1130 Datasheet HTML 10Page - ams AG AS1130 Datasheet HTML 11Page - ams AG AS1130 Datasheet HTML 12Page - ams AG AS1130 Datasheet HTML 13Page - ams AG AS1130 Datasheet HTML 14Page - ams AG AS1130 Datasheet HTML 15Page - ams AG AS1130 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
11 - 38
AS1130
Datasheet - D e t a i l e d D e s c r i p t i o n
- Master Transmitter to Slave Receiver. The first byte transmitted by the master is the slave address, followed by a number of data bytes.
The slave returns an acknowledge bit after the slave address and each received byte.
- Slave Transmitter to Master Receiver. The first byte, the slave address, is transmitted by the master. The slave then returns an acknowl-
edge bit. Next, a number of data bytes are transmitted by the slave to the master. The master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last received byte, a not-acknowledge is returned. The master device generates all of the
serial clock pulses and the START and STOP conditions. A transfer is ended with a STOP condition or a repeated START condition. Since
a repeated START condition is also the beginning of the next serial transfer, the bus will not be released.
The AS1130 can operate in the following slave modes:
- Slave Receiver Mode. Serial data and clock are received through SDA and SCL. After each byte is received, an acknowledge bit is trans-
mitted. START and STOP conditions are recognized as the beginning and end of a serial transfer. Address recognition is performed by
hardware after reception of the slave address and direction bit.
- Slave Transmitter Mode. The first byte (the slave address) is received and handled as in the slave receiver mode. However, in this mode
the direction bit will indicate that the transfer direction is reversed. Serial data is transmitted on SDA by the AS1130 while the serial clock
is input on SCL. START and STOP conditions are recognized as the beginning and end of a serial transfer.
Command Byte
The AS1130 operation, (see Table 13 on page 20) is determined by a command byte (see Table 19).
Figure 19. Command Byte
Figure 20. Command and Single Data Byte received by AS1130
Figure 21. Setting the Pointer to a Address Register to select a Data Register for a Read Operation
A7
A6
A5
A4
A3
A2
A1
A0
MSB
6
5
4
3
2
1
LSB
From Master to Slave
From Slave to Master
A
A
P
A
S
Command Byte
Data Byte
Slave Address
A6
A5
A4
A3
A2
A1
A0
A7
D6
D5
D4
D3
D2
D1
D0
D7
Acknowledge
from AS1130
0
0
0
Acknowledge
from AS1130
Acknowledge
from AS1130
R/W
0
AS1130 Registers
Autoincrement
Memory Word
Address
1 Byte
From Master to Slave
From Slave to Master
A
P
A
S
Command Byte
Slave Address
A6
A5
A4
A3
A2
A1
A0
A7
0
0
Acknowledge
from AS1130
Acknowledge
from AS1130
R/W
0
AS1130 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com