Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP201 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP201
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP201 Datasheet HTML 32Page - Microchip Technology MCP201 Datasheet HTML 33Page - Microchip Technology MCP201 Datasheet HTML 34Page - Microchip Technology MCP201 Datasheet HTML 35Page - Microchip Technology MCP201 Datasheet HTML 36Page - Microchip Technology MCP201 Datasheet HTML 37Page - Microchip Technology MCP201 Datasheet HTML 38Page - Microchip Technology MCP201 Datasheet HTML 39Page - Microchip Technology MCP201 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 37
MCP201
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP201:
LIN Transceiver with Voltage Regulator
MCP201T:
LIN Transceiver with Voltage Regulator
(Tape and Reel)
Temperature Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
MF = Dual Flatpack, No-Lead (6x5 mm Body), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
Examples:
a)
MCP201-E/SN:
Extended Temperature,
SOIC package.
b)
MCP201-E/P:
Extended Temperature,
PDIP package.
c)
MCP201-I/SN:
Industrial Temperature,
SOIC package.
d)
MCP201-I/P:
Industrial Temperature,
PDIP package.
e)
MCP201T-I/SN:
Tape and Reel,
Industrial Temperature,
SOIC package.
f)
MCP201T-E/SN: Tape and Reel,
Extended Temperature,
SOIC package.
g)
MCP201-E/MF:
Extended Temperature,
DFN package.
h)
MCP201T-E/MF: Tape and Reel,
Extended Temperature,
DFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com