| Electronic Components Datasheet Search |
|
IO88NDB2V0 Datasheet(PDF) 11 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO88NDB2V0 Datasheet(HTML) 11 Page - Microsemi Corporation |
|
11 / 242 page ![]() ProASIC3L Low Power Flash FPGAs Revision 13 1-5 Flash*Freeze Technology The ProASIC3L devices offer Microsemi's proven Flash*Freeze technology, which enables designers to instantaneously shut off dynamic power consumption while retaining all SRAM and register information. Flash*Freeze technology enables the user to quickly (within 1 µs) enter and exit Flash*Freeze mode by activating the Flash*Freeze (FF) pin while all power supplies are kept at their original values. In addition, I/Os and global I/Os can still be driven and can be toggling without impact on power consumption; clocks can still be driven or can be toggling without impact on power consumption; and the device retains all core registers, SRAM information, and states. I/O states are tristated during Flash*Freeze mode or can be set to a certain state using weak pull-up or pull-down I/O attribute configuration. No power is consumed by the I/O banks, clocks, JTAG pins, or PLL. Flash*Freeze technology allows the user to switch to active mode on demand, thus simplifying the power management of the device. The FF pin (active low) can be routed internally to the core to allow the user's logic to decide when it is safe to transition to this mode. It is also possible to use the FF pin as a regular I/O if Flash*Freeze mode usage is not planned, which is advantageous because of the inherent low-power static and dynamic capabilities of the ProASIC3L device. Refer to Figure 1-3 for an illustration of entering/exiting Flash*Freeze mode. VersaTiles The ProASIC3L core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS® core tiles. The ProASIC3L VersaTile supports the following: • All 3-input logic functions—LUT-3 equivalent • Latch with clear or set • D-flip-flop with clear or set • Enable D-flip-flop with clear or set Refer to Figure 1-4 for VersaTile configurations. Figure 1-3 • ProASIC3L Flash*Freeze Mode Figure 1-4 • VersaTile Configurations ProASIC3L FPGA Flash*Freeze Mode Control Flash*Freeze Pin X1 Y X2 X3 LUT-3 Data Y CLK Enable CLR D-FF Data Y CLK CLR D-FF LUT-3 Equivalent D-Flip-Flop with Clear or Set Enable D-Flip-Flop with Clear or Set |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |