Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2C5 Datasheet(PDF) 85 Page - Altera Corporation

Part # EP2C5
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 Datasheet(HTML) 85 Page - Altera Corporation

Back Button EP2C5 Datasheet HTML 81Page - Altera Corporation EP2C5 Datasheet HTML 82Page - Altera Corporation EP2C5 Datasheet HTML 83Page - Altera Corporation EP2C5 Datasheet HTML 84Page - Altera Corporation EP2C5 Datasheet HTML 85Page - Altera Corporation EP2C5 Datasheet HTML 86Page - Altera Corporation EP2C5 Datasheet HTML 87Page - Altera Corporation EP2C5 Datasheet HTML 88Page - Altera Corporation EP2C5 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 168 page
background image
Altera Corporation
4–3
February 2007
Cyclone II Device Handbook, Volume 1
Hot Socketing & Power-On Reset
the power supply can provide current to the device’s VCC and ground
planes. This condition can lead to latch-up and cause a low-impedance
path from VCC to ground within the device. As a result, the device extends
a large amount of current, possibly causing electrical damage.
Altera has ensured by design of the I/O buffers and hot-socketing
circuitry, that Cyclone II devices are immune to latch-up during hot
socketing.
Hot-Socketing
Feature
Implementation
in Cyclone II
Devices
The hot-socketing feature turns off the output buffer during power up
(either VCCINT or VCCIO supplies) or power down. The hot-socket circuit
generates an internal
HOTSCKT signal when either VCCINT or VCCIO is
below the threshold voltage. Designs cannot use the
HOTSCKT signal for
other purposes. The
HOTSCKT signal cuts off the output buffer to ensure
that no DC current (except for weak pull-up leakage current) leaks
through the pin. When VCC ramps up slowly, VCC is still relatively low
even after the internal
POR signal (not available to the FPGA fabric used
by customer designs) is released and the configuration is finished. The
CONF_DONE, nCEO, and nSTATUS pins fail to respond, as the output
buffer cannot drive out because the hot-socketing circuitry keeps the I/O
pins tristated at this low VCC voltage. Therefore, the hot-socketing circuit
has been removed on these configuration output or bidirectional pins to
ensure that they are able to operate during configuration. These pins are
expected to drive out during power-up and power-down sequences.
Each I/O pin has the circuitry shown in Figure 4–1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com