Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1824 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1824
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1824 Datasheet HTML 9Page - Microchip Technology MCP1824 Datasheet HTML 10Page - Microchip Technology MCP1824 Datasheet HTML 11Page - Microchip Technology MCP1824 Datasheet HTML 12Page - Microchip Technology MCP1824 Datasheet HTML 13Page - Microchip Technology MCP1824 Datasheet HTML 14Page - Microchip Technology MCP1824 Datasheet HTML 15Page - Microchip Technology MCP1824 Datasheet HTML 16Page - Microchip Technology MCP1824 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2007 Microchip Technology Inc.
DS22070A-page 13
MCP1824/MCP1824S
Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.5V, Fixed output, SHDN = 10 kΩ pullup to VIN.
FIGURE 2-13:
Quiescent Current vs.
Temperature.
FIGURE 2-14:
ISHDN vs. Temperature.
FIGURE 2-15:
Line Regulation vs.
Temperature.
FIGURE 2-16:
Line Regulation vs.
Temperature.
FIGURE 2-17:
Load Regulation vs.
Temperature.
FIGURE 2-18:
Load Regulation vs.
Temperature.
90
95
100
105
110
115
120
125
130
-45
-20
5
30
55
80
105
130
Temperature (°C)
μ
V
OUT = 0.8V
VOUT = 2.5V
I
OUT = 0 mA
c
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-45
-20
5
30
55
80
105
130
Temperature (°C)
μ
V
IN = 2.3V
V
IN = 3.3V
V
R = 0.8V
VIN = 6.0V
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 0.8V
VIN = 2.1V to 6.0V
I
OUT = 100 mA
I
OUT = 300 mA
I
OUT = 50 mA
I
OUT = 200 mA
I
OUT = 1 mA
0.010
0.014
0.018
0.022
0.026
0.030
0.034
0.038
0.042
-45
-20
5
305580
105
130
Temperature (°C)
I
OUT = 100 mA
I
OUT = 1 mA
I
OUT = 50 mA
I
OUT = 200 mA
I
OUT = 300 mA
V
R = 2.5V
VIN = 3.0V to 6.0V
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 0.8V
I
OUT = 1 mA to 300 mA
V
IN = 2.1V
V
IN = 4.0V
V
IN = 5.0V
V
IN = 6.0V
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
-45
-20
5
305580
105
130
Temperature (°C)
V
OUT = 2.5V
V
OUT = 5.0V
I
OUT = 1 mA to 300 mA
VOUT = 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com