Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515T-ISO Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2515T-ISO
Description  Stand-Alone CAN Controller With SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515T-ISO Datasheet(HTML) 4 Page - Microchip Technology

  MCP2515T-ISO Datasheet HTML 1Page - Microchip Technology MCP2515T-ISO Datasheet HTML 2Page - Microchip Technology MCP2515T-ISO Datasheet HTML 3Page - Microchip Technology MCP2515T-ISO Datasheet HTML 4Page - Microchip Technology MCP2515T-ISO Datasheet HTML 5Page - Microchip Technology MCP2515T-ISO Datasheet HTML 6Page - Microchip Technology MCP2515T-ISO Datasheet HTML 7Page - Microchip Technology MCP2515T-ISO Datasheet HTML 8Page - Microchip Technology MCP2515T-ISO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MCP2515
DS21801E-page 4
© 2007 Microchip Technology Inc.
FIGURE 1-2:
EXAMPLE SYSTEM IMPLEMENTATION
TABLE 1-1:
PINOUT DESCRIPTION
Name
PDIP/SOIC
Pin #
TSSOP
Pin #
I/O/P
Type
Description
Alternate Pin Function
TXCAN
1
1
O
Transmit output pin to CAN bus
—
RXCAN
2
2
I
Receive input pin from CAN bus
—
CLKOUT
3
3
O
Clock output pin with programmable
prescaler
Start-of-Frame signal
TX0RTS
4
4
I
Transmit buffer TXB0 request-to-send.
100 k
Ω internal pull-up to VDD
General purpose digital input.
100 k
Ω internal pull-up to VDD
TX1RTS
5
5
I
Transmit buffer TXB1 request-to-send.
100 k
Ω internal pull-up to VDD
General purpose digital input.
100 k
Ω internal pull-up to VDD
TX2RTS
6
7
I
Transmit buffer TXB2 request-to-send.
100 k
Ω internal pull-up to VDD
General purpose digital input.
100 k
Ω internal pull-up to VDD
OSC2
7
8
O
Oscillator output
—
OSC1
8
9
I
Oscillator input
External clock input
VSS
9
10
P
Ground reference for logic and I/O pins —
RX1BF
10
11
O
Receive buffer RXB1 interrupt pin or
general purpose digital output
General purpose digital output
RX0BF
11
12
O
Receive buffer RXB0 interrupt pin or
general purpose digital output
General purpose digital output
INT
12
13
O
Interrupt output pin
—
SCK
13
14
I
Clock input pin for SPI interface
—
SI
14
16
I
Data input pin for SPI interface
—
SO
15
17
O
Data output pin for SPI interface
—
CS
16
18
I
Chip select input pin for SPI interface
—
RESET
17
19
I
Active low device reset input
—
VDD
18
20
P
Positive supply for logic and I/O pins
—
NC
—
6,15
—
No internal connection
Note:
Type Identification: I = Input; O = Output; P = Power
Node
Controller
MCP2515
XCVR
SPI
TX
RX
CANH
CANL
Node
Controller
MCP2515
XCVR
SPI
TX
RX
Node
Controller
MCP2515
XCVR
SPI
TX
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com