Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP25020-IP Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP25020-IP
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020-IP Datasheet(HTML) 2 Page - Microchip Technology

  MCP25020-IP Datasheet HTML 1Page - Microchip Technology MCP25020-IP Datasheet HTML 2Page - Microchip Technology MCP25020-IP Datasheet HTML 3Page - Microchip Technology MCP25020-IP Datasheet HTML 4Page - Microchip Technology MCP25020-IP Datasheet HTML 5Page - Microchip Technology MCP25020-IP Datasheet HTML 6Page - Microchip Technology MCP25020-IP Datasheet HTML 7Page - Microchip Technology MCP25020-IP Datasheet HTML 8Page - Microchip Technology MCP25020-IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MCP2502X/5X
DS21664D-page 2
© 2007 Microchip Technology Inc.
Package Types
Definition of Terms
The
following
terms
are
used
throughout
this
document:
I/O Expander - refers to the integrated circuit (IC)
device being described (MCP2502X/5X).
Input Message - term given to messages that are
received by the MCP2502X/5X and cause the internal
registers to be modified. Once the register modification
has been performed, the MCP2502X/5X transmits a
Command Acknowledge message to indicate that the
command was received and processed.
Command Acknowledge Message - term given to the
message that is automatically transmitted by the
MCP2502X/5X after receiving and processing an input
message.
Information Request Message - term given to
Remote Request messages that are received by the
MCP2502X/5X that subsequently generate an output
message (data frame) in response.
Output Message - term given to the message that the
MCP2502X/5X sends in response to an Information
Request message.
On Bus Message - term given to the message that the
MCP2502X/5X transmits after completing the power-on/
self-configuration
sequence
at
timed
intervals,
if
enabled.
Self-Configuration - term used to describe the
process of transferring the contents of the EPROM
memory array to the SRAM memory array.
On Bus - term used to describe the condition when the
MCP2502X/5X
is
fully-configured
and
ready
to
transmit, or receive, on the bus. This is the only state in
which the MCP2502X/5X can transmit on the bus.
Edge Detection - refers to the MCP2502X/5X’s ability
to automatically transmit a message based upon the
occurance of a predefined edge on any digital input.
Threshold Detection - refers to the MCP2502X/5X’s
ability to automatically transmit a message when a
predefined analog threshold is reached.
GP0/AN0
GP1/AN1
VDD
TXCAN/TXRXCAN*
RXCAN/NC*
GP5/VREF+
1
2
3
4
GP4/VREF-
GP6/CLKOUT
14
13
12
11
10
GP3/AN3/PWM2
OSC1/CLKIN
GP2/AN2/PWM1
5
6
7
8
9
OSC2
VSS
GP7/RST/VPP
PDIP/SOIC
* One-wire option available on MCP250X5 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com