Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F818
Description  Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F818 Datasheet HTML 5Page - Microchip Technology PIC16F818 Datasheet HTML 6Page - Microchip Technology PIC16F818 Datasheet HTML 7Page - Microchip Technology PIC16F818 Datasheet HTML 8Page - Microchip Technology PIC16F818 Datasheet HTML 9Page - Microchip Technology PIC16F818 Datasheet HTML 10Page - Microchip Technology PIC16F818 Datasheet HTML 11Page - Microchip Technology PIC16F818 Datasheet HTML 12Page - Microchip Technology PIC16F818 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 7
PIC16F818/819
TABLE 1-2:
PIC16F818/819 PINOUT DESCRIPTIONS
Pin Name
PDIP/
SOIC
Pin#
SSOP
Pin#
QFN
Pin#
I/O/P
Type
Buffer
Type
Description
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
17
19
23
I/O
I
TTL
Analog
Bidirectional I/O pin.
Analog input channel 0.
RA1/AN1
RA1
AN1
18
20
24
I/O
I
TTL
Analog
Bidirectional I/O pin.
Analog input channel 1.
RA2/AN2/VREF-
RA2
AN2
VREF-
11
26
I/O
I
I
TTL
Analog
Analog
Bidirectional I/O pin.
Analog input channel 2.
A/D reference voltage (low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
22
27
I/O
I
I
TTL
Analog
Analog
Bidirectional I/O pin.
Analog input channel 3.
A/D reference voltage (high) input.
RA4/AN4/T0CKI
RA4
AN4
T0CKI
33
28
I/O
I
I
ST
Analog
ST
Bidirectional I/O pin.
Analog input channel 4.
Clock input to the TMR0 timer/counter.
RA5/MCLR/VPP
RA5
MCLR
VPP
44
1
I
I
P
ST
ST
–
Input pin.
Master Clear (Reset). Input/programming
voltage input. This pin is an active-low Reset
to the device.
Programming threshold voltage.
RA6/OSC2/CLKO
RA6
OSC2
CLKO
15
17
20
I/O
O
O
ST
–
–
Bidirectional I/O pin.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In RC mode, this pin outputs CLKO signal
which has 1/4 the frequency of OSC1 and
denotes the instruction cycle rate.
RA7/OSC1/CLKI
RA7
OSC1
CLKI
16
18
21
I/O
I
I
ST
ST/CMOS(3)
–
Bidirectional I/O pin.
Oscillator crystal input.
External clock source input.
Legend: I = Input
O
= Output
I/O = Input/Output
P = Power
– = Not used
TTL = TTL Input
ST = Schmitt Trigger Input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com