Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 54Page - Microchip Technology PIC17C44 Datasheet HTML 55Page - Microchip Technology PIC17C44 Datasheet HTML 56Page - Microchip Technology PIC17C44 Datasheet HTML 57Page - Microchip Technology PIC17C44 Datasheet HTML 58Page - Microchip Technology PIC17C44 Datasheet HTML 59Page - Microchip Technology PIC17C44 Datasheet HTML 60Page - Microchip Technology PIC17C44 Datasheet HTML 61Page - Microchip Technology PIC17C44 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 241 page
background image
PIC17C4X
DS30412C-page 58
© 1996 Microchip Technology Inc.
9.3
PORTC and DDRC Registers
PORTC is an 8-bit bi-directional port. The correspond-
ing data direction register is DDRC. A '1' in DDRC con-
figures the corresponding port pin as an input. A '0' in
the DDRC register configures the corresponding port
pin as an output. Reading PORTC reads the status of
the pins, whereas writing to it will write to the port latch.
PORTC is multiplexed with the system bus. When
operating as the system bus, PORTC is the low order
byte of the address/data bus (AD7:AD0). The timing for
the system bus is shown in the Electrical Characteris-
tics section.
Note:
This port is configured as the system bus
when the device’s configuration bits are
selected to Microprocessor or Extended
Microcontroller modes. In the two other
microcontroller modes, this port is a gen-
eral purpose I/O.
Example 9-2 shows the instruction sequence to initial-
ize PORTC. The Bank Select Register (BSR) must be
selected to Bank 1 for the port to be initialized.
EXAMPLE 9-2:
INITIALIZING PORTC
MOVLB
1
;
Select Bank 1
CLRF
PORTC
;
Initialize PORTC data
;
latches before setting
;
the data direction
;
register
MOVLW
0xCF
;
Value used to initialize
;
data direction
MOVWF
DDRC
;
Set RC<3:0> as inputs
;
RC<5:4> as outputs
;
RC<7:6> as inputs
FIGURE 9-6:
BLOCK DIAGRAM OF RC<7:0> PORT PINS
Note: I/O pins have protection diodes to VDD and Vss.
Q
D
CK
TTL
0
1
Q
D
CK
R
S
Input
Buffer
Port
Data
to D_Bus
→ IR
INSTRUCTION READ
Data Bus
RD_PORTC
WR_PORTC
RD_DDRC
WR_DDRC
EX_EN
DATA/ADDR_OUT
DRV_SYS
SYS BUS
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com