Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2540 Datasheet(PDF) 3 Page - ams AG

Part # AS2540
Description  Remote Controlled Single-Chip-Telephone
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540 Datasheet(HTML) 3 Page - ams AG

  AS2540 Datasheet HTML 1Page - ams AG AS2540 Datasheet HTML 2Page - ams AG AS2540 Datasheet HTML 3Page - ams AG AS2540 Datasheet HTML 4Page - ams AG AS2540 Datasheet HTML 5Page - ams AG AS2540 Datasheet HTML 6Page - ams AG AS2540 Datasheet HTML 7Page - ams AG AS2540 Datasheet HTML 8Page - ams AG AS2540 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 2 of 18
Pin Description
Pin #
Symbol
Function
15
RFD
Ring Frequency Discrimination
Schmitt trigger input for ring frequency discrimination. Disabled during off-hook.
7LS
Line Current Sense Input
Input for sensing the line current
5LI
Line Input
Input used for power extraction and line current sensing
6RI
Receive Input
Input for ac-separated receive signal
2STB
Side Tone Balance Input
Input for side tone cancellation network
3CS
Current Shunt Control Output
N-channel open drain output to control the external high power shunt transistor for synthesising ac- and
dc- impedance, modulation of line voltage and shorting the line during make periods of pulse dialling
8CI
Complex Impedance Input
Input pin for the capacitor to program a complex impedance
16
DPn
Dial Pulse Output
Open drain output pulls low during break periods of pulse dialling and flash
17
EHS
Electronic Hook Switch
Schmitt Trigger Input to detect an electronic off-hook.
18
MHS
Manual Hook Switch
Schmitt Trigger Input to detect a manual off-hook.
19
MODE
DTMF Level Selection
-4/-6dBm
—> DLS open
-6/-8dBm
—> DLS-r1
-8/-10dBm
—> DLS-r2
Line Loss Compensation Select Pin
45mA-75mA
—> LLC open
20mA-50mA
—> LLC-r3
None
—> LLC-r4
28
MO
Ring
Melody Output
PDM output of the ring melody generator.
11
VDD
Voltage Drain Drain
Positive Power Supply
4
VSS
Voltage Source Source
Negative Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com