Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3606-BQFP-FF Datasheet(PDF) 29 Page - ams AG

Part # AS3606-BQFP-FF
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606-BQFP-FF Datasheet(HTML) 29 Page - ams AG

Back Button AS3606-BQFP-FF Datasheet HTML 25Page - ams AG AS3606-BQFP-FF Datasheet HTML 26Page - ams AG AS3606-BQFP-FF Datasheet HTML 27Page - ams AG AS3606-BQFP-FF Datasheet HTML 28Page - ams AG AS3606-BQFP-FF Datasheet HTML 29Page - ams AG AS3606-BQFP-FF Datasheet HTML 30Page - ams AG AS3606-BQFP-FF Datasheet HTML 31Page - ams AG AS3606-BQFP-FF Datasheet HTML 32Page - ams AG AS3606-BQFP-FF Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
28 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - S Y S T E M F u n c t i o n s
9.4 Interrupt Generation
All interrupt sources can get enabled or disabled by corresponding bits in the 4 IRQ-bytes. By default no interrupt source is enabled.
The XIRQ pin can be configured to operate in push/pull (2 different driver strengths), open-drain mode or to be tri-state. The signal polarity can
be defined as active-low or active-high. Default state is open-drain active-low.
9.4.1 IRQ Source Interpretation
There are 3 different modules to process interrupt sources:
LEVEL. The IRQ output is kept active as long as the interrupt source is present and this IRQ-Bit is enabled.
EDGE. The IRQ gets active with a high going edge of this source. The IRQ stays active until the corresponding IRQ-Register gets read.
STATUS CHANGE. The IRQ gets active when the source-state changes. The change bit and the status can be read to notice which interrupt
was the source. The IRQ stays active until the corresponding interrupt register gets read.De-bouncer
There is a de-bounce function implemented, a de-bounce time of 3ms is selected per default in the IRQ_ENRD_3 register (26h).
9.4.2 Interrupt Sources
These IRQ events will activate the XIRQ pin:
10bit ADC end of conversion
Charger end of charge, connect/disconnect, no battery
Battery temperature high (at 45ºC or 50ºC with 100/10k
Ω NTC)
Junction temperature high
Battery low (Brown-out voltage reached)
Power-up key (pin PWRUP) pressed
Current sink low voltage
Power rail monitor: over-voltage CVDD1, CVDD2, CVDD3
Power rail monitor: under-voltage CVDD1, CVDD2, CVDD3, VDD27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com